Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNx4AHCT245 Datasheet(PDF) 8 Page - Texas Instruments

Part # SNx4AHCT245
Description  SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNx4AHCT245 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SNx4AHCT245 Datasheet HTML 4Page - Texas Instruments SNx4AHCT245 Datasheet HTML 5Page - Texas Instruments SNx4AHCT245 Datasheet HTML 6Page - Texas Instruments SNx4AHCT245 Datasheet HTML 7Page - Texas Instruments SNx4AHCT245 Datasheet HTML 8Page - Texas Instruments SNx4AHCT245 Datasheet HTML 9Page - Texas Instruments SNx4AHCT245 Datasheet HTML 10Page - Texas Instruments SNx4AHCT245 Datasheet HTML 11Page - Texas Instruments SNx4AHCT245 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
DIR
OE
A1
B1
To Seven Other Channels
1
2
19
18
SN54AHCT245, SN74AHCT245
SCLS233P – OCTOBER 1995 – REVISED JULY 2014
www.ti.com
9 Detailed Description
9.1 Overview
The SNx7ACHT245 octal bus transceivers are designed for asynchronous two-way communication between data
buses. The control-function implementation minimizes external timing requirements. The SNx4AHCT245 devices
allow data transmission from the A bus to the B bus or from the B bus to the A bus, depending on the logic level
at the direction– control (DIR) input. The output-enable (OE) input can be used to disable the device so that the
buses effectively are isolated. To ensure the high-impedance state during power up or power down, OE should
be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking
capability of the driver.
9.2 Functional Block Diagram
Figure 3. Logic Diagram (Positive Logic)
9.3 Feature Description
VCC is optimized at 5 V
Allows up voltage translation from 3.3 V to 5 V
Inputs Accept VIH levels of 2 V
Slow edge rates minimize output ringing
9.4 Device Functional Modes
Table 1. Function Table
(Each Transceiver)
INPUTS
OPERATION
OE
DIR
L
L
B data to A bus
L
H
A data to B bus
H
X
Isolation
8
Submit Documentation Feedback
Copyright © 1995–2014, Texas Instruments Incorporated
Product Folder Links: SN54AHCT245 SN74AHCT245


Similar Part No. - SNx4AHCT245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNX4AHCT245 TI-SNX4AHCT245 Datasheet
2Mb / 40P
[Old version datasheet]   SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
REVISED DECEMBER 2022
SNX4AHCT245 TI-SNX4AHCT245 Datasheet
3Mb / 42P
[Old version datasheet]   SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
SNX4AHCT245 TI-SNX4AHCT245 Datasheet
3Mb / 42P
[Old version datasheet]   SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
More results

Similar Description - SNx4AHCT245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT245 TI-SN54AHCT245_V02 Datasheet
3Mb / 42P
[Old version datasheet]   SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
SN54AHCT245 TI-SN54AHCT245_V01 Datasheet
2Mb / 40P
[Old version datasheet]   SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
REVISED DECEMBER 2022
SN54AHCT245 TI-SN54AHCT245_V03 Datasheet
3Mb / 42P
[Old version datasheet]   SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com