Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC125Q Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC125Q
Description  QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC125Q Datasheet(HTML) 1 Page - Texas Instruments

  SN74AHC125Q Datasheet HTML 1Page - Texas Instruments SN74AHC125Q Datasheet HTML 2Page - Texas Instruments SN74AHC125Q Datasheet HTML 3Page - Texas Instruments SN74AHC125Q Datasheet HTML 4Page - Texas Instruments SN74AHC125Q Datasheet HTML 5Page - Texas Instruments SN74AHC125Q Datasheet HTML 6Page - Texas Instruments SN74AHC125Q Datasheet HTML 7Page - Texas Instruments SN74AHC125Q Datasheet HTML 8Page - Texas Instruments SN74AHC125Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN74AHC125Q
QUADRUPLE BUS BUFFER GATE
WITH 3-STATE OUTPUTS
SGDS015 − FEBRUARY 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Q Devices Meet Automotive Performance
Requirements
D Customer-Specific Configuration Control
Can Be Supported Along With
Major-Change Approval
D EPIC™ (Enhanced-Performance Implanted
CMOS) Process
D Operating Range 2-V to 5.5-V V
CC
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
description
The SN74AHC125Q is a quadruple bus buffer gate featuring independent line drivers with 3-state outputs. Each
output is disabled when the associated output-enable (OE) input is high. When OE is low, the respective gate
passes the data from the A input to its Y output.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
40
°Cto125°C
SOIC − D
Tape and reel
SN74AHC125QDR
AHC125Q
−40
°C to 125°C
TSSOP − PW
Tape and reel
SN74AHC125QPWR
HA125Q
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
FUNCTION TABLE
(each buffer)
INPUTS
OUTPUT
OE
A
OUTPUT
Y
L
H
H
L
LL
H
X
Z
Copyright
© 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC is a trademark of Texas Instruments.
D OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OE
1A
1Y
2OE
2A
2Y
GND
VCC
4OE
4A
4Y
3OE
3A
3Y


Similar Part No. - SN74AHC125Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC125Q TI-SN74AHC125Q Datasheet
209Kb / 9P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC125QDR TI-SN74AHC125QDR Datasheet
209Kb / 9P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC125QDRG4Q1 TI1-SN74AHC125QDRG4Q1 Datasheet
252Kb / 11P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC125QDRG4Q1 TI1-SN74AHC125QDRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   SN74AHC125-Q1 Automotive Quadruple Bus Buffer Gate with 3-State Outputs
REVISED JUNE 2023
SN74AHC125QDRQ1 TI1-SN74AHC125QDRQ1 Datasheet
252Kb / 11P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AHC125Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC125A TI-SN74LVC125A Datasheet
109Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AVC126 TI-SN74AVC126 Datasheet
227Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G126A POTATO-PO74G126A_14 Datasheet
1Mb / 5P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC125 TI-SN74AUC125 Datasheet
170Kb / 9P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A-EP TI1-SN74LVC125A-EP Datasheet
530Kb / 12P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LV125A-Q1 TI1-SN74LV125A-Q1 Datasheet
638Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A TI-SN74LVC125A_07 Datasheet
1Mb / 46P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74ABT125Q-Q1 TI1-SN74ABT125Q-Q1 Datasheet
152Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC126A-Q1 TI1-SN74LVC126A-Q1 Datasheet
227Kb / 10P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC125 UTC-U74AHC125 Datasheet
212Kb / 6P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74F126 TI-SN74F126 Datasheet
66Kb / 5P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com