Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9183DT-33-T1 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SI9183DT-33-T1
Description  High-Performance, Size Saving 150-mA CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9183DT-33-T1 Datasheet(HTML) 5 Page - Vishay Siliconix

  SI9183DT-33-T1 Datasheet HTML 1Page - Vishay Siliconix SI9183DT-33-T1 Datasheet HTML 2Page - Vishay Siliconix SI9183DT-33-T1 Datasheet HTML 3Page - Vishay Siliconix SI9183DT-33-T1 Datasheet HTML 4Page - Vishay Siliconix SI9183DT-33-T1 Datasheet HTML 5Page - Vishay Siliconix SI9183DT-33-T1 Datasheet HTML 6Page - Vishay Siliconix SI9183DT-33-T1 Datasheet HTML 7Page - Vishay Siliconix SI9183DT-33-T1 Datasheet HTML 8Page - Vishay Siliconix SI9183DT-33-T1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Si9183
Vishay Siliconix
Document Number: 71258
S-40593—Rev. E, 29-Mar-04
www.vishay.com
5
ORDERING INFORMATION
Part Number
Lead (Pb)-Free
Part Number
Marking Voltage
Temperature Range
Package
Si9183DT-15-T1
Si9183DT-15-T1—E3
A1LL
1.5 V
Si9183DT-18-T1
Si9183DT-18-T1—E3
A2LL
1.8 V
Si9183DT-20-T1
Si9183DT-20-T1—E3
A3LL
2.0 V
Si9183DT-25-T1
Si9183DT-25-T1—E3
A4LL
2.5 V
Si9183DT-27-T1
Si9183DT-27-T1—E3
B1LL
2.7 V
Si9183DT-28-T1
Si9183DT-28-T1—E3
A5LL
2.8 V
−40 to 85_C
Thin
Si9183DT-285-T1
Si9183DT-285-T1—E3
B3LL
2.85 V
−40 to 85_C
Thin
SOT23-5
Si9183DT-30-T1
Si9183DT-30-T1—E3
A6LL
3.0 V
Si9183DT-33-T1
Si9183DT-33-T1—E3
A7LL
3.3 V
Si9183DT-36-T1
Si9183DT-36-T1—E3
B2LL
3.6 V
Si9183DT-50-T1
Si9183DT-50-T1—E3
A8LL
5.0 V
Si9183DT-AD-T1
Si9183DT-AD-T1—E3
A9LL
Adjustable
NOTE: LL = Lot Code
Eval Kit
Temperature Range
Board Type
Si9183DB
−40 to 85_C
Surface Mount
TYPICAL CHARACTERISTICS (INTERNALLY REGULATED, 25_C UNLESS NOTED)
0
50
100
150
200
250
300
0
60
120
180
240
300
Dropout Voltage vs. Load Current
ILOAD (mA)
0
25
50
75
100
125
150
175
200
225
250
275
300
325
350
375
−50
−25
0
25
50
75
100
125
150
Dropout Voltage vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
0
123
456
VIN − VOUT Transfer Characteristic
VIN (V)
Junction Temperature (_C)
0
100
200
300
400
500
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Dropout Voltage vs. VOUT
VOUT
IOUT = 0 mA
IOUT = 150 mA
IOUT = 10 mA
IOUT = 75 mA
VOUT = 2.5 V
VOUT = 2.5 V
IOUT = 10 mA
IOUT = 75 mA
IOUT = 150 mA
IOUT = 300 mA
IOUT = 300 mA
RLOAD = 16.6 W
RLOAD = 250 W


Similar Part No. - SI9183DT-33-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9183DT-33-T1 VISHAY-SI9183DT-33-T1 Datasheet
181Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. G, 20-Jun-05
More results

Similar Description - SI9183DT-33-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9183 VISHAY-SI9183_V01 Datasheet
164Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
18-Jul-08
SI9183 VISHAY-SI9183_05 Datasheet
181Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. G, 20-Jun-05
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
CAT6217 ONSEMI-CAT6217_11 Datasheet
156Kb / 9P
   150 mA CMOS LDO Regulator
January, 2011 ??Rev. 6
FAN2502 ONSEMI-FAN2502 Datasheet
972Kb / 14P
   150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
   300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
logo
Microchip Technology
MCP1754ST-1802E MICROCHIP-MCP1754ST-1802E Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
08/02/11
MCP1754 MICROCHIP-MCP1754 Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
2011
MCP1754ST-3302E MICROCHIP-MCP1754ST-3302E Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
08/02/11
MCP1754 MICROCHIP-MCP1754_13 Datasheet
1Mb / 44P
   150 mA, 16V, High Performance LDO
2011-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com