Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHCT240DW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHCT240DW
Description  SNx4AHCT240 Octal Buffers/Drivers With 3-State Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT240DW Datasheet(HTML) 1 Page - Texas Instruments

  SN74AHCT240DW Datasheet HTML 1Page - Texas Instruments SN74AHCT240DW Datasheet HTML 2Page - Texas Instruments SN74AHCT240DW Datasheet HTML 3Page - Texas Instruments SN74AHCT240DW Datasheet HTML 4Page - Texas Instruments SN74AHCT240DW Datasheet HTML 5Page - Texas Instruments SN74AHCT240DW Datasheet HTML 6Page - Texas Instruments SN74AHCT240DW Datasheet HTML 7Page - Texas Instruments SN74AHCT240DW Datasheet HTML 8Page - Texas Instruments SN74AHCT240DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1Y1
1OE
1A1
1Y2
1A2
1Y3
1A3
1Y4
1A4
2Y1
2OE
2A1
2Y2
2A2
2Y3
2A3
2Y4
2A4
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN54AHCT240, SN74AHCT240
SCLS252M – OCTOBER 1995 – REVISED APRIL 2016
SNx4AHCT240 Octal Buffers/Drivers With 3-State Outputs
1
1 Features
1
Inputs are TTL-Voltage Compatible
Latch-Up Performance Exceeds 250 mA
Per JESD 17
On Products Compliant to MIL-PRF-38535,
All Parameters Are Tested Unless Otherwise
Noted. On All Other Products, Production
Processing Does Not Necessarily Include Testing
of All Parameters.
2 Applications
Network Switches
Health and Fitness
Televisions
Power Infrastructures
3 Description
The
SNx4AHCT240
octal
buffers/drivers
are
designed
specifically
to
improve
both
the
performance and density of 3-state memory-address
drivers, clock drivers, and bus-oriented receivers and
transmitters.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SNx4AHCT240
SSOP (20)
7.50 mm × 5.30 mm
SOP (20)
12.60 mm × 5.30 mm
TSSOP (20)
6.50 mm × 4.40 mm
SOIC (20)
12.80 mm × 7.50 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Simplified Schematic


Similar Part No. - SN74AHCT240DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT240DW TI-SN74AHCT240DW Datasheet
86Kb / 6P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT240DW TI-SN74AHCT240DW Datasheet
950Kb / 26P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT240DW TI-SN74AHCT240DW Datasheet
1Mb / 28P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT240DW TI1-SN74AHCT240DW Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT240DWR TI-SN74AHCT240DWR Datasheet
950Kb / 26P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AHCT240DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com