Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVCHS162830A Datasheet(PDF) 1 Page - Texas Instruments

Part # 74ALVCHS162830A
Description  1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ALVCHS162830A Datasheet(HTML) 1 Page - Texas Instruments

  74ALVCHS162830A Datasheet HTML 1Page - Texas Instruments 74ALVCHS162830A Datasheet HTML 2Page - Texas Instruments 74ALVCHS162830A Datasheet HTML 3Page - Texas Instruments 74ALVCHS162830A Datasheet HTML 4Page - Texas Instruments 74ALVCHS162830A Datasheet HTML 5Page - Texas Instruments 74ALVCHS162830A Datasheet HTML 6Page - Texas Instruments 74ALVCHS162830A Datasheet HTML 7Page - Texas Instruments 74ALVCHS162830A Datasheet HTML 8Page - Texas Instruments 74ALVCHS162830A Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
74ALVCHS162830A
1BIT TO 2BIT ADDRESS DRIVER
WITH 3STATE OUTPUTS
SCES624 − FEBRUARY 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Member of the Texas Instruments
Widebus
 Family
D Output Ports Have Series Damping
Resistors, So No External Resistors Are
Required
D Diodes on Inputs Clamp Overshoot
D Bus Hold on Data Inputs Eliminates the
Need for External Pullup/Pulldown
Resistors
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
description/ordering information
This 1-bit to 2-bit address driver is designed for
2.3-V to 3.6-V VCC operation.
Diodes to VCC have been added on the inputs to
clamp overshoot.
Active bus-hold circuitry holds unused or undriven
inputs at a valid logic state. Use of pullup or
pulldown resistors with the bus-hold circuitry is not
recommended.
The outputs, which are designed to sink up to
12 mA, include series damping resistors to reduce
overshoot and undershoot.
The ALVCHS162830A is an improved version of
the LVCHS162830 (non-A version) and has been
optimized for lower power consumption and
higher AC drive. Higher AC drive provides
capability to drive loads with a faster edge rate.
To ensure the high-impedance state during power
up or power down, the output-enable (OE) input
should be tied to VCC through a pullup resistor; the
minimum value of the resistor is determined by the
current-sinking capability of the driver.
Copyright
 2005, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments.
DBB PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
2Y2
1Y2
GND
2Y1
1Y1
VCC
A1
A2
GND
A3
A4
GND
A5
A6
VCC
A7
A8
GND
A9
OE1
OE2
A10
GND
A11
A12
VCC
A13
A14
GND
A15
A16
GND
A17
A18
VCC
2Y18
1Y18
GND
2Y17
1Y17
1Y3
2Y3
GND
1Y4
2Y4
VCC
1Y5
2Y5
GND
1Y6
2Y6
GND
1Y7
2Y7
VCC
1Y8
2Y8
GND
1Y9
2Y9
1Y10
2Y10
GND
1Y11
2Y11
VCC
1Y12
2Y12
GND
1Y13
2Y13
GND
1Y14
2Y14
VCC
1Y15
2Y15
GND
1Y16
2Y16


Similar Part No. - 74ALVCHS162830A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ALVCHS162830A TI-74ALVCHS162830A Datasheet
136Kb / 8P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
74ALVCHS162830AGR TI-74ALVCHS162830AGR Datasheet
136Kb / 8P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74ALVCHS162830A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVCH162830 HITACHI-HD74ALVCH162830 Datasheet
55Kb / 11P
   1-bit to 2-bit Address Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH162830 TI-SN74ALVCH162830 Datasheet
112Kb / 8P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16830 HITACHI-HD74ALVCH16830 Datasheet
52Kb / 11P
   1-bit to 2-bit Address Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCHS162830 TI1-SN74ALVCHS162830_08 Datasheet
303Kb / 12P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
74ALVCHS162830A TI-74ALVCHS162830A Datasheet
136Kb / 8P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCHS162830 TI-SN74ALVCHS162830 Datasheet
97Kb / 7P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH162830 RENESAS-HD74ALVCH162830 Datasheet
2Mb / 11P
   1-bit to 2-bit Address Driver with 3-state Outputs
logo
Hitachi Semiconductor
HD74ALVCHS162830 HITACHI-HD74ALVCHS162830 Datasheet
57Kb / 11P
   1-bit to 2-bit Address Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH162830 TI-SN74ALVCH162830_08 Datasheet
288Kb / 11P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16344 TI-SN74ALVCH16344_07 Datasheet
283Kb / 12P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com