Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

770 Datasheet(PDF) 4 Page - CTS Corporation

Part No. 770
Description  High-Reliability Cermet Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

770 Datasheet(HTML) 4 Page - CTS Corporation

  770_16 Datasheet HTML 1Page - CTS Corporation 770_16 Datasheet HTML 2Page - CTS Corporation 770_16 Datasheet HTML 3Page - CTS Corporation 770_16 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Document No. 008-0339-0
Page 4 - 4
Rev. A
Series 770
Conformal Coated SIP Resistor Network
MECHANICAL SPECIFICATIONS
MARKING INFORMATION
1. ● – Pin 1 identifier.
2. CTSK – CTS identifier.
4. YYWW – Date code, YY – year, WW – week.
5. xxxxxxxxxxxxxxx – Reserved for CTS part
number, Ex. 77083472P.
For parts with reduced marking (8 pins or less),
the part series 770 may be omitted from the
part number portion of the marking code.
Ex. CTSK434729
Complete CTS part number and date code
information must appear on reel and carton
labels.
PACKAGE DRAWING
0.047 ±0.008 [1.20 ±0.20]
"L" MAX
0.10 ±0.008 [2.54 ±0.20]
0.050 [1.27] TYP
PIN 1
0.020 ±0.004 [0.50 ±0.10]
0.135 ±0.010 [3.43 ±0.25]
0.010 ±0.004 [0.25 ±0.10]
[mm]
Inch
Key:
0.195 [4.95] MAX
0.098 [2.50] MAX
PIN
COUNT
"L" MAXIMUM
Inch [mm]
4
0.40 [10.16]
5
0.50 [12.70]
6
0.60 [15.24]
7
0.70 [17.78]
8
0.80 [20.32]
9
0.90 [22.86]
10
1.00 [25.40]
11
1.10 [27.94]
12
1.20 [30.48]
PACKAGE LENGTHS
NOTES
1. Copper (Cu) plated iron (Fe) leads.
2. Termination finish (e1); tin (Sn) silver (Ag)
copper (Cu).
3. Reflow conditions per JEDEC J-STD-020,
+260°C maximum.
● CTSKYYWWxxxxxxxxxxxxxxx


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn