Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1053P100 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1053P100
Description  Monolithic High Voltage Gated Oscillator Power Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1053P100 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1053P100 Datasheet HTML 1Page - ON Semiconductor NCP1053P100 Datasheet HTML 2Page - ON Semiconductor NCP1053P100 Datasheet HTML 3Page - ON Semiconductor NCP1053P100 Datasheet HTML 4Page - ON Semiconductor NCP1053P100 Datasheet HTML 5Page - ON Semiconductor NCP1053P100 Datasheet HTML 6Page - ON Semiconductor NCP1053P100 Datasheet HTML 7Page - ON Semiconductor NCP1053P100 Datasheet HTML 8Page - ON Semiconductor NCP1053P100 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
http://onsemi.com
3
+
Snubber
Startup
Circuit
Internal
Bias
Leading Edge
Blanking
Thermal
Shutdown
Oscillator
Fault
Detector
+
R
S
Q
Ck
R
Q
+
S
R
Q
+
+
+
+
+
+
+
+
+
Converter
DC Output
Power Switch Circuit Output
Ground
Control
Input
AC Line
Input
Driver
Power
Switch
Circuit
Turn Off
Latch
Turn On
Latch
Fault
Latch
VCC Bypass/
Fault Timing/
VCO Sweep
Control
10 V
Current Limit
Comparator
2.6 V
3.3 V
10 V
48
mA
48
mA
IH = 10 mA
IH = 10 mA
Undervoltage
Lockout
VCC
Figure 2. Representative Block Diagram
Startup/VCC Reg
7.5/8.5 V
4.5 V
VCC
RSENSE


Similar Part No. - NCP1053P100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1053P100 ONSEMI-NCP1053P100 Datasheet
252Kb / 26P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
February, 2006 ??Rev. 9
NCP1053P100G ONSEMI-NCP1053P100G Datasheet
252Kb / 26P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
February, 2006 ??Rev. 9
More results

Similar Description - NCP1053P100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1050 ONSEMI-NCP1050_06 Datasheet
252Kb / 26P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
February, 2006 ??Rev. 9
NCP1050 ONSEMI-NCP1050_15 Datasheet
281Kb / 25P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
April, 2015 ??Rev. 14
logo
Data Delay Devices, Inc...
3D3701 DATADELAY-3D3701 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
3D7701 DATADELAY-3D7701 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
3D3702 DATADELAY-3D3702 Datasheet
240Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D3702)
3D7702 DATADELAY-3D7702 Datasheet
241Kb / 5P
   MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D7702)
logo
Advanced XTAL Products
AXGX90 AXTAL-AXGX90 Datasheet
103Kb / 3P
   Gated High Stability Crystal Oscillator
AXGX75 AXTAL-AXGX75 Datasheet
101Kb / 3P
   Gated High Stability Crystal Oscillator
logo
Data Delay Devices, Inc...
DLO-50 DATADELAY-DLO-50 Datasheet
111Kb / 1P
   GATED-DELAY LINE OSCILLATOR
logo
ON Semiconductor
MC33363B ONSEMI-MC33363B_15 Datasheet
211Kb / 11P
   High Voltage Switching Regulator
February, 2015 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com