Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM48410 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM48410
Description  Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48410 Datasheet(HTML) 1 Page - Texas Instruments

  LM48410 Datasheet HTML 1Page - Texas Instruments LM48410 Datasheet HTML 2Page - Texas Instruments LM48410 Datasheet HTML 3Page - Texas Instruments LM48410 Datasheet HTML 4Page - Texas Instruments LM48410 Datasheet HTML 5Page - Texas Instruments LM48410 Datasheet HTML 6Page - Texas Instruments LM48410 Datasheet HTML 7Page - Texas Instruments LM48410 Datasheet HTML 8Page - Texas Instruments LM48410 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM48410
www.ti.com
SNAS403E – FEBRUARY 2007 – REVISED MAY 2013
LM48410
Low EMI, Filterless, 2.3W Stereo Class D Audio
Power Amplifier with 3D Enhancement
Check for Samples: LM48410
1
FEATURES
DESCRIPTION
The LM48410 is a single supply, high efficiency,
2
Selectable Spread Spectrum Mode Reduces
2.3W/channel, filterless switching audio amplifier. A
EMI
low noise PWM architecture eliminates the output
Output Short Circuit Protection
filter, reducing external component count, board area
Stereo Class D Operation
consumption, system cost, and simplifying design. A
selectable
spread
spectrum
modulation
scheme
No Output Filter Required
suppresses RF emissions, further reducing the need
3D Enhancement
for output filters.
Logic Selectable Gain
The LM48410 is designed to meet the demands of
Independent Channel Shutdown Controls
mobile phones and other portable communication
Minimum External Components
devices. Operating from a single 5V supply, the
device is capable of delivering 2.3W/channel of
Click and Pop Suppression
continuous output power to a 4
Ω load with less than
Micro-Power Shutdown
10% THD+N. Flexible power supply requirements
Available in Space-Saving 4mm x 4mm WQFN
allow operation from 2.4V to 5.5V. The LM48410
Package
offers two logic selectable modulation schemes, fixed
frequency mode, and an EMI reducing spread
spectrum mode.
APPLICATIONS
The LM48410 features high efficiency compared with
Mobile Phones
conventional Class AB amplifiers. When driving an
PDAs
8
Ω speaker from a 3.6V supply, the device operates
Laptops
with 85% efficiency at PO = 500mW/Ch. Four gain
options are pin selectable through the G0 and G1
KEY SPECIFICATIONS
pins.
The
LM48410
also
includes
3D
audio
enhancement that improves stereo sound quality. In
Quiescent Power Supply Current at 3.6V
devices where the left and right speakers are in close
supply 4mA
proximity,
3D
enhancement
affects
channel
Power Output at VDD = 5V, RL = 4Ω, THD ≤ 10%
specialization, widening the perceived soundstage.
2.3W (typ)
Output short circuit protection prevents the device
Power Output at VDD = 5V, RL = 8Ω, THD ≤ 10%
from being damaged during fault conditions. Superior
1.5W (typ)
click
and
pop
suppression
eliminates
audible
transients on power-up/down and during shutdown.
Shutdown current 0.03
μA (typ)
Independent left/right shutdown controls maximizes
Efficiency at 3.6V, 100mW into 8
Ω 80% (typ)
power savings in mixed mono/stereo applications.
Efficiency at 3.6V, 500mW into 8
Ω 85% (typ)
Efficiency at 5V, 1W into 8
Ω 86% (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM48410

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48410 NSC-LM48410 Datasheet
735Kb / 20P
   Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier with National 3D Enhancement
LM48410SQ NSC-LM48410SQ Datasheet
735Kb / 20P
   Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier with National 3D Enhancement
More results

Similar Description - LM48410

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9705 MAXIM-MAX9705_09 Datasheet
477Kb / 18P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 3; 5/09
MAX9705 MAXIM-MAX9705 Datasheet
2Mb / 20P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 7/05
logo
National Semiconductor ...
LM48410 NSC-LM48410 Datasheet
735Kb / 20P
   Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier with National 3D Enhancement
logo
Maxim Integrated Produc...
MAX9715 MAXIM-MAX9715_V01 Datasheet
343Kb / 13P
   2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
19-3589; Rev 2; 7/08
logo
Shenzhenshi YONGFUKANG ...
CS3816 YONGFUKANG-CS3816 Datasheet
438Kb / 9P
   2횞15W Filterless Low EMI Stereo Class D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9715 MAXIM-MAX9715 Datasheet
550Kb / 14P
   2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
Rev 1; 8/05
logo
Texas Instruments
LM48411 TI1-LM48411 Datasheet
875Kb / 22P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9773 MAXIM-MAX9773 Datasheet
603Kb / 21P
   1.8W, Filterless, Ultra-Low EMI, Stereo Class D Audio Power Amplifier
19-3976; Rev 0; 1/06
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
   Filterless, Stereo, Class-D Audio Amplifier
logo
Texas Instruments
LM48413 TI1-LM48413_14 Datasheet
782Kb / 23P
[Old version datasheet]   Audio Power Amplifier Series Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com