Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM48410 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM48410
Description  Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48410 Datasheet(HTML) 3 Page - Texas Instruments

  LM48410 Datasheet HTML 1Page - Texas Instruments LM48410 Datasheet HTML 2Page - Texas Instruments LM48410 Datasheet HTML 3Page - Texas Instruments LM48410 Datasheet HTML 4Page - Texas Instruments LM48410 Datasheet HTML 5Page - Texas Instruments LM48410 Datasheet HTML 6Page - Texas Instruments LM48410 Datasheet HTML 7Page - Texas Instruments LM48410 Datasheet HTML 8Page - Texas Instruments LM48410 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
12
11
10
9
8
7
18
17
16
15
14
13
1
2
3
4
5
6
24
23
22
21
20
19
3DR+
INR+
INR-
3DEN
INL-
INL+
PGND
SDL
SS/FF
SDR
GND
PGND
LM48410
www.ti.com
SNAS403E – FEBRUARY 2007 – REVISED MAY 2013
Connection Diagram
Figure 2. 24-Lead WQFN
4mm x 4mm x 0.8mm - Top View
See RTW0024A Package
PIN DESCRIPTIONS
Pin
Name
Description
Right Channel non-inverting 3D connection. Connect to 3DL+ through
1
3DR+
C3D+ and R3D+
2
INR+
Right Channel Non-Inverting Input
3
INR-
Right Channel Inverting Input
4
3DEN
3D Enable Input
5
INL-
Left Channel Inverting Input
6
INL+
Left Channel Non-Inverting Input
Left Channel non-inverting 3D connection. Connect to 3DR+ through C3D+
7
3DL+
and R3D+
Left Channel inverting 3D connection. Connect to 3DR- through C3D-and
8
3DL-
R3D-
9
G1
Gain Select Input 1
10, 21
PVDD
Speaker Power Supply
11
OUTLA
Left Channel Non-Inverting Output
12
OUTLB
Left Channel Inverting Output
13, 18
PGND
Power Ground
Left Channel Active Low Shutdown. Connect to VDD for normal operation.
14
SDL
Connect to GND to disable the left channel.
Modulation Mode Select. Connect to VDD for spread spectrum mode.
15
SS/FF
Connect to GND for fixed frequency mode
Right Channel Active Low Shutdown. Connect to VDD for normal
16
SDR
operation. Connect to GND to disable the right channel.
17
GND
Ground
19
OUTRB
Right Channel Inverting Output
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM48410


Similar Part No. - LM48410

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48410 NSC-LM48410 Datasheet
735Kb / 20P
   Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier with National 3D Enhancement
LM48410SQ NSC-LM48410SQ Datasheet
735Kb / 20P
   Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier with National 3D Enhancement
More results

Similar Description - LM48410

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9705 MAXIM-MAX9705_09 Datasheet
477Kb / 18P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 3; 5/09
MAX9705 MAXIM-MAX9705 Datasheet
2Mb / 20P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 7/05
logo
National Semiconductor ...
LM48410 NSC-LM48410 Datasheet
735Kb / 20P
   Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier with National 3D Enhancement
logo
Maxim Integrated Produc...
MAX9715 MAXIM-MAX9715_V01 Datasheet
343Kb / 13P
   2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
19-3589; Rev 2; 7/08
logo
Shenzhenshi YONGFUKANG ...
CS3816 YONGFUKANG-CS3816 Datasheet
438Kb / 9P
   2횞15W Filterless Low EMI Stereo Class D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9715 MAXIM-MAX9715 Datasheet
550Kb / 14P
   2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
Rev 1; 8/05
logo
Texas Instruments
LM48411 TI1-LM48411 Datasheet
875Kb / 22P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9773 MAXIM-MAX9773 Datasheet
603Kb / 21P
   1.8W, Filterless, Ultra-Low EMI, Stereo Class D Audio Power Amplifier
19-3976; Rev 0; 1/06
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
   Filterless, Stereo, Class-D Audio Amplifier
logo
Texas Instruments
LM48413 TI1-LM48413_14 Datasheet
782Kb / 23P
[Old version datasheet]   Audio Power Amplifier Series Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com