Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4879 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM4879
Description  1.1 Watt Audio Power Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4879 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM4879 Datasheet HTML 5Page - Texas Instruments LM4879 Datasheet HTML 6Page - Texas Instruments LM4879 Datasheet HTML 7Page - Texas Instruments LM4879 Datasheet HTML 8Page - Texas Instruments LM4879 Datasheet HTML 9Page - Texas Instruments LM4879 Datasheet HTML 10Page - Texas Instruments LM4879 Datasheet HTML 11Page - Texas Instruments LM4879 Datasheet HTML 12Page - Texas Instruments LM4879 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
RL = 4:
OUTPUT POWER (W)
RL = 8:
0
0.4
0.8
1.2
1.6
2
VDD = 5V
f = 1 kHz
THD + N d 1%
BW < 80 kHz
1.4
1.2
0.8
0.6
0.2
0
0.4
1.0
LM4879, LM4879MMBD, LM4879SDBD
www.ti.com
SNAS142G – SEPTEMBER 2001 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Power Dissipation
Power Dissipation
vs Output Power
vs Output Power
VDD = 3V
VDD = 2.6V
Figure 19.
Figure 20.
Power Dissipation
Power Derating - MSOP
vs Output Power (LLP Package)
PDMAX = 670mW
VDD = 5V
VDD = 5V, RL = 8Ω
Figure 21.
Figure 22.
Power Derating - 8 Bump µSMD
Power Derating - 9 Bump µSMD
PDMAX = 670mW
PDMAX = 670mW
VDD = 5V, RL = 8Ω
VDD = 5V, RL = 8Ω
Figure 23.
Figure 24.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM4879 LM4879MMBD LM4879SDBD


Similar Part No. - LM4879

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4879 NSC-LM4879 Datasheet
788Kb / 25P
   1.1 Watt Audio Power Amplifier
logo
Texas Instruments
LM4879 TI1-LM4879 Datasheet
1Mb / 28P
[Old version datasheet]   1.1 Watt Audio Power Amplifier
logo
National Semiconductor ...
LM4879IBL NSC-LM4879IBL Datasheet
788Kb / 25P
   1.1 Watt Audio Power Amplifier
LM4879IBLX NSC-LM4879IBLX Datasheet
788Kb / 25P
   1.1 Watt Audio Power Amplifier
LM4879IBP NSC-LM4879IBP Datasheet
788Kb / 25P
   1.1 Watt Audio Power Amplifier
More results

Similar Description - LM4879

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4879 TI1-LM4879_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.1 Watt Audio Power Amplifier
logo
National Semiconductor ...
LM4893 NSC-LM4893 Datasheet
705Kb / 22P
   1.1 Watt Audio Power Amplifier
LM4879 NSC-LM4879 Datasheet
788Kb / 25P
   1.1 Watt Audio Power Amplifier
logo
SG Micro Corp
SGM4890 SGMICRO-SGM4890 Datasheet
324Kb / 9P
   1.1 Watt Audio Power Amplifier
logo
National Semiconductor ...
LM4923 NSC-LM4923 Datasheet
433Kb / 12P
   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
Texas Instruments
LM4923 TI1-LM4923_14 Datasheet
947Kb / 23P
[Old version datasheet]   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 TI1-LM4923 Datasheet
980Kb / 23P
[Old version datasheet]   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
National Semiconductor ...
LM4923 NSC-LM4923_07 Datasheet
390Kb / 14P
   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4897 NSC-LM4897 Datasheet
612Kb / 14P
   1.1 Watt Audio Power Amplifier with Fade-In and Fade-Out
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com