Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4781 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM4781
Description  Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4781 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM4781 Datasheet HTML 4Page - Texas Instruments LM4781 Datasheet HTML 5Page - Texas Instruments LM4781 Datasheet HTML 6Page - Texas Instruments LM4781 Datasheet HTML 7Page - Texas Instruments LM4781 Datasheet HTML 8Page - Texas Instruments LM4781 Datasheet HTML 9Page - Texas Instruments LM4781 Datasheet HTML 10Page - Texas Instruments LM4781 Datasheet HTML 11Page - Texas Instruments LM4781 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
LM4781, LM4781TABD
SNAS208A – AUGUST 2003 – REVISED APRIL 2013
www.ti.com
External Components Description
Figure 1, Figure 3, Figure 4, Figure 5, and Figure 6
Components
Functional Description
1
RB
Prevents current from entering the amplifier's non-inverting input. This current may pass through to the load during
system power down, because of the amplifier's low input impedance when the undervoltage circuitry is off. This
phenomenon occurs when the V+ and V-supply voltages are below 1.5V.
2
Ri
Inverting input resistance. Along with Rf, sets AC gain.
3
Rf
Feedback resistance. Along with Ri, sets AC gain.
4
Rf2
Feedback resistance. Works with Cf and Rf creating a lowpass filter that lowers AC gain at high frequencies. The -
(1)
3dB point of the pole occurs when: (Rf - Ri)/2 = Rf // [1/(2πfcCf) + Rf2] for the Non-Inverting configuration shown in
Figure 6.
5
Cf
Compensation capacitor. Works with Rf and Rf2 to reduce AC gain at higher frequencies.
(1)
6
CC
Compensation capacitor. Reduces the gain at higher frequencies to avoid quasi-saturation oscillations of the output
(1)
transistor. Also suppresses external electromagnetic switching noise created from fluorescent lamps.
7
Ci
Feedback capacitor which ensures unity gain at DC. Along with Ri also creates a highpass filter at fc = 1/(2πRiCi).
(1)
8
CS
Provides power supply filtering and bypassing. Refer to the SUPPLY BYPASSING application section for proper
placement and selection of bypass capacitors.
9
RV
Acts as a volume control by setting the input voltage level.
(1)
10
RIN
Sets the amplifier's input terminals DC bias point when CIN is present in the circuit. Also works with CIN to create a
(1)
highpass filter at fC = 1/(2πRINCIN). If the value of RIN is too large, oscillations may be observed on the outputs
when the inputs are floating. Recommended values are 10k
Ω to 47kΩ. Refer to Figure 6.
11
CIN
Input capacitor. Prevents the input signal's DC offsets from being passed onto the amplifier's inputs.
(1)
12
RSN
Works with CSN to stabilize the output stage by creating a pole that reduces high frequency instabilities.
(1)
13
CSN
Works with RSN to stabilize the output stage by creating a pole that reduces high frequency instabilities. The pole is
(1)
set at fC = 1/(2πRSNCSN). Refer to Figure 6.
14
L (1)
Provides high impedance at high frequencies so that R may decouple a highly capacitive load and reduce the Q of
the series resonant circuit. Also provides a low impedance at low frequencies to short out R and pass audio signals
15
R (1)
to the load. Refer to Figure 6.
16
RA
Provides DC voltage biasing for the transistor Q1 in single supply operation.
17
CA
Provides bias filtering for single supply operation.
18
RINP
Limits the voltage difference between the amplifier's inputs for single supply operation. Refer to the CLICKS AND
(1)
POPS application section for a more detailed explanation of the function of RINP.
19
RBI
Provides input bias current for single supply operation. Refer to the CLICKS AND POPS application section for a
more detailed explanation of the function of RBI.
20
RE
Establishes a fixed DC current for the transistor Q1 in single supply operation. This resistor stabilizes the half-
supply point along with CA.
21
RM
Mute resistance set up to allow 0.5mA to be drawn from each MUTE pin to turn the muting function off.
→ RM is calculated using: RM ≤ (|VEE| − 2.6V)/l where l ≥ 0.5mA. Refer to the Mute Attenuation vs Mute Current
curves in the Typical Performance Characteristics section.
22
CM
Mute capacitance set up to create a large time constant for turn-on and turn-off muting.
23
S1
Mute switch. When open or switched to GND, the amplifier will be in mute mode.
24
ROUT
Reduces current flow between outputs that are caused by Gain or DC offset differences between the amplifiers.
(1)
Optional components dependent upon specific design requirements.
8
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4781 LM4781TABD


Similar Part No. - LM4781

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4781 NSC-LM4781 Datasheet
1Mb / 25P
   Overture??Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
logo
Texas Instruments
LM4781 TI1-LM4781 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
logo
National Semiconductor ...
LM4781TA NSC-LM4781TA Datasheet
1Mb / 25P
   Overture??Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
logo
Texas Instruments
LM4781TABD TI1-LM4781TABD Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
LM4781 TI1-LM4781_14 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
More results

Similar Description - LM4781

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4781 TI1-LM4781_14 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
logo
National Semiconductor ...
LM4781 NSC-LM4781 Datasheet
1Mb / 25P
   Overture??Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
logo
Texas Instruments
LM4954 TI1-LM4954 Datasheet
1Mb / 23P
[Old version datasheet]   Audio Power Amplifier Series High Voltage 3 Watt Audio Power Amplifier
LM4782TABD TI1-LM4782TABD Datasheet
1Mb / 32P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4782 TI1-LM4782_14 Datasheet
1Mb / 32P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
logo
International Rectifier
IRAUDAMP18 IRF-IRAUDAMP18_15 Datasheet
505Kb / 13P
   35W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP15 IRF-IRAUDAMP15_15 Datasheet
524Kb / 13P
   35W/4 x 2 Channel Class D Audio Power Amplifier
logo
National Semiconductor ...
LM4782 NSC-LM4782_06 Datasheet
1Mb / 27P
   Overture Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
logo
Texas Instruments
LM2876 TI1-LM2876 Datasheet
870Kb / 28P
[Old version datasheet]   Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier
logo
NTE Electronics
NTE1282 NTE-NTE1282 Datasheet
79Kb / 2P
   Integrated Circuit Module − Hybrid, Audio Power Amplifier, 35W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com