Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9183 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI9183
Description  High-Performance, Size Saving 150-mA CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9183 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI9183 Datasheet HTML 1Page - Vishay Siliconix SI9183 Datasheet HTML 2Page - Vishay Siliconix SI9183 Datasheet HTML 3Page - Vishay Siliconix SI9183 Datasheet HTML 4Page - Vishay Siliconix SI9183 Datasheet HTML 5Page - Vishay Siliconix SI9183 Datasheet HTML 6Page - Vishay Siliconix SI9183 Datasheet HTML 7Page - Vishay Siliconix SI9183 Datasheet HTML 8Page - Vishay Siliconix SI9183 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Si9183
Vishay Siliconix
www.vishay.com
4
Document Number: 71258
S-40593—Rev. E, 29-Mar-04
TIMING WAVEFORMS
VIN
0.95 VNOM
VOUT
VOUT
VNOM
FIGURE 3. Timing Diagram for Power-Up
tON
PIN CONFIGURATION
3
2
Thin SOT-23, 5-Pin
1
4
5
VIN
GND
SD
VOUT
BP (Version A)
FB (Version B)
PIN DESCRIPTION
Pin Number
Name
Function
1
VIN
Input supply pin. Bypass this pin with a 1-mF ceramic or tantalum capacitor to ground.
2
GND
Ground pin. Local ground for CBP and COUT.
3
SD
By applying less than 0.4 V to this pin, the device will be turned off. Connect this pin to VIN if unused.
4 (Version A)
BP
Noise bypass pin. For low noise applications, a 0.1-mF or larger ceramic capacitor should be connected from this pin to
ground.
4 (Version B)
FB
Connect to divided output voltage to adjust the regulation point.
5
VOUT
Output voltage. Connect COUT between this pin and ground.


Similar Part No. - SI9183

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9183 VISHAY-SI9183 Datasheet
181Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. G, 20-Jun-05
SI9183 VISHAY-SI9183 Datasheet
164Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
18-Jul-08
SI9183DT-18-T1 VISHAY-SI9183DT-18-T1 Datasheet
181Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. G, 20-Jun-05
SI9183DT-25-T1 VISHAY-SI9183DT-25-T1 Datasheet
181Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. G, 20-Jun-05
SI9183DT-28-T1 VISHAY-SI9183DT-28-T1 Datasheet
181Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. G, 20-Jun-05
More results

Similar Description - SI9183

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9183 VISHAY-SI9183_V01 Datasheet
164Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
18-Jul-08
SI9183 VISHAY-SI9183_05 Datasheet
181Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. G, 20-Jun-05
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
CAT6217 ONSEMI-CAT6217_11 Datasheet
156Kb / 9P
   150 mA CMOS LDO Regulator
January, 2011 ??Rev. 6
FAN2502 ONSEMI-FAN2502 Datasheet
972Kb / 14P
   150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
   300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
logo
Microchip Technology
MCP1754ST-1802E MICROCHIP-MCP1754ST-1802E Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
08/02/11
MCP1754 MICROCHIP-MCP1754 Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
2011
MCP1754ST-3302E MICROCHIP-MCP1754ST-3302E Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
08/02/11
MCP1754 MICROCHIP-MCP1754_13 Datasheet
1Mb / 44P
   150 mA, 16V, High Performance LDO
2011-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com