Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REG711EA-3 Datasheet(PDF) 3 Page - Texas Instruments

Part # REG711EA-3
Description  50mA SWITCHED-CAP DC/DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG711EA-3 Datasheet(HTML) 3 Page - Texas Instruments

  REG711EA-3 Datasheet HTML 1Page - Texas Instruments REG711EA-3 Datasheet HTML 2Page - Texas Instruments REG711EA-3 Datasheet HTML 3Page - Texas Instruments REG711EA-3 Datasheet HTML 4Page - Texas Instruments REG711EA-3 Datasheet HTML 5Page - Texas Instruments REG711EA-3 Datasheet HTML 6Page - Texas Instruments REG711EA-3 Datasheet HTML 7Page - Texas Instruments REG711EA-3 Datasheet HTML 8Page - Texas Instruments REG711EA-3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
REG711
3
SBVS027A
PIN CONFIGURATION
Top View
MSOP
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
Supply Voltage ................................................................... –0.3V to +5.5V
Enable Input ........................................................................... –0.3V to VIN
Output Short-Circuit Duration ...................................................... Indefinite
Operating Temperature Range ....................................... –55
°C to +125°C
Storage Temperature Range .......................................... –65
°C to +150°C
Junction Temperature ..................................................... –55
°C to +150°C
Lead Temperature (soldering, 3s) ................................................. +240
°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
SIMPLIFIED BLOCK DIAGRAM
Control
Thermal
Simplified Block Diagram
&
PGND
GND
C
PUMP
0.22
µF
C
IN
2.2
µF
V
IN
Enable
REG711
C
OUT
2.2
µF
V
OUT
3
76
8
2
54
PACKAGE
SPECIFIED
OUTPUT
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
VOLTAGE
PACKAGE
NUMBER
RANGE
MARKING(1)
NUMBER(2)
MEDIA
5V Output
REG711EA-5
5.0V
MSOP-8
337
–40
°C to +85°C
C11B
REG711EA-5
Rails
""
"
"
"
"
REG711EA-5/250
Tape and Reel
""
"
"
"
"
REG711EA-5/2K5
Tape and Reel
3.3V Output
REG711EA-3.3
3.3V
MSOP-8
337
–40
°C to +85°C
C11C
REG711EA-3.3
Rails
""
"
"
"
"
REG711EA-3.3/250
Tape and Reel
""
"
"
"
"
REG711EA-3.3/2K5
Tape and Reel
3V Output
REG711EA-3.0
3.0V
MSOP-8
337
–40
°C to +85°C
C11D
REG711EA-3
Rails
""
"
"
"
"
REG711EA-3/250
Tape and Reel
""
"
"
"
"
REG711EA-3/2K5
Tape and Reel
2.7V Output
REG711EA-2.7
2.7V
MSOP-8
337
–40
°C to +85°C
C11F
REG711EA-2.7
Rails
""
"
"
"
"
REG711EA-2.7/250
Tape and Reel
""
"
"
"
"
REG711EA-2.7/2K5
Tape and Reel
2.5V Output
REG711EA-2.5
2.5V
MSOP-8
337
–40
°C to +85°C
C11G
REG711EA-2.5
Rails
""
"
"
"
"
REG711EA-2.5/250
Tape and Reel
NOTE: (1) Voltage will be marked on reel. (2) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /2K5 indicates 2500 devices
per reel). Ordering 2500 pieces of “REG711EA-5/2K5” will get a single 2500-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION
NC
Enable
V
IN
GND
V
OUT
C
PUMP+
C
PUMP–
PGND
1
2
3
4
8
7
6
5


Similar Part No. - REG711EA-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG711EA-3.3/250 TI1-REG711EA-3.3/250 Datasheet
515Kb / 13P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
REG711EA-3.3/250 TI1-REG711EA-3.3/250 Datasheet
737Kb / 13P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
REG711EA-3.3/250G4 TI1-REG711EA-3.3/250G4 Datasheet
515Kb / 13P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
REG711EA-3.3/250G4 TI1-REG711EA-3.3/250G4 Datasheet
737Kb / 13P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
REG711EA-3/250 TI1-REG711EA-3/250 Datasheet
515Kb / 13P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
More results

Similar Description - REG711EA-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG711 TI1-REG711_16 Datasheet
737Kb / 13P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
REG711-25 TI1-REG711-25 Datasheet
515Kb / 13P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
logo
National Semiconductor ...
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
   Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Zetex Semiconductors
ZXCP330 ZETEX-ZXCP330 Datasheet
341Kb / 9P
   SWITCHED CAPACITOR DC-DC CONVERTER
logo
National Semiconductor ...
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Texas Instruments
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
[Old version datasheet]   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
National Semiconductor ...
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
   Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
Texas Instruments
REG710 TI-REG710 Datasheet
378Kb / 15P
[Old version datasheet]   60MA SWITCHED CAP BUCK/BOOST CONVERTER
logo
Burr-Brown (TI)
REG710 BURR-BROWN-REG710_07 Datasheet
433Kb / 18P
   60mA Switched-Cap BUCK/BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com