Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4675TLBD Datasheet(PDF) 8 Page - Texas Instruments

Part # LM4675TLBD
Description  LM4675 Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4675TLBD Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM4675TLBD Datasheet HTML 4Page - Texas Instruments LM4675TLBD Datasheet HTML 5Page - Texas Instruments LM4675TLBD Datasheet HTML 6Page - Texas Instruments LM4675TLBD Datasheet HTML 7Page - Texas Instruments LM4675TLBD Datasheet HTML 8Page - Texas Instruments LM4675TLBD Datasheet HTML 9Page - Texas Instruments LM4675TLBD Datasheet HTML 10Page - Texas Instruments LM4675TLBD Datasheet HTML 11Page - Texas Instruments LM4675TLBD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
0
0.01
0.02
0.03
0.04
0.05
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
0
1
2
3
4
5
10
100
1000
10000
100000
FREQUENCY (Hz)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
FREQUENCY (Hz)
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
THD+N = 1%
THD+N = 10%
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
THD+N = 1%
THD+N = 10%
0
1
2
3
4
LM4675, LM4675SDBD, LM4675TLBD
SNAS353C – AUGUST 2006 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
The performance graphs were taken using the Audio Precision AUX-0025 Switching Amplifier measurement Filter in series
with the LC filter on the demo board.
Output Power vs. Supply Voltage
Output Power vs. Supply Voltage
RL = 4Ω, f = 1kHz
RL = 8Ω, f = 1kHz
Figure 17.
Figure 18.
PSRR vs. Frequency
CMRR vs. Frequency
VDD = 3.6V ,VRIPPLE = 200mVP-P, RL = 8Ω
VDD = 3.6V, VCM = 1VP-P, RL = 8Ω
Figure 19.
Figure 20.
Supply Current vs. Supply Voltage
Shutdown Supply Current vs. Supply Voltage
No Load
No Load
Figure 21.
Figure 22.
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM4675 LM4675SDBD LM4675TLBD


Similar Part No. - LM4675TLBD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4675TLBD TI-LM4675TLBD Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675TLBD TI1-LM4675TLBD Datasheet
1Mb / 24P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
More results

Similar Description - LM4675TLBD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675SDBD TI-LM4675SDBD Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675 TI1-LM4675_14 Datasheet
1Mb / 24P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
National Semiconductor ...
LM4675 NSC-LM4675 Datasheet
925Kb / 19P
   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM48511 NSC-LM48511_08 Datasheet
442Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM48511 NSC-LM48511 Datasheet
440Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Texas Instruments
LM48511 TI-LM48511_15 Datasheet
942Kb / 28P
[Old version datasheet]   LM48511 3-W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier With Spread Spectrum
logo
National Semiconductor ...
LM4673 NSC-LM4673 Datasheet
889Kb / 18P
   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
LM4673 NSC-LM4673_07 Datasheet
8Mb / 24P
   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
logo
Texas Instruments
LM4673 TI1-LM4673_14 Datasheet
4Mb / 29P
[Old version datasheet]   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com