Electronic Components Datasheet Search |
|
LM4040AIM3-4.1 Datasheet(PDF) 26 Page - Texas Instruments |
|
|
LM4040AIM3-4.1 Datasheet(HTML) 26 Page - Texas Instruments |
26 / 67 page 26 LM4040-N, LM4040-N-Q1 SNOS633K – OCTOBER 2000 – REVISED JUNE 2016 www.ti.com Product Folder Links: LM4040-N LM4040-N-Q1 Submit Documentation Feedback Copyright © 2000–2016, Texas Instruments Incorporated (1) Limits are 100% production tested at 25°C. Limits over temperature are ensured through correlation using Statistical Quality Control (SQC) methods. The limits are used to calculate AOQL. (2) The (overtemperature) limit for Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse Breakdown Voltage Tolerance ±[( ΔVR/ΔT)(maxΔT)(VR)]. Where, ΔVR/ΔT is the VR temperature coefficient, maxΔT is the maximum difference in temperature from the reference point of 25°C to T MIN or TMAX, and VR is the reverse breakdown voltage. The total overtemperature tolerance for the different grades in the industrial temperature range where max ΔT = 65°C is shown below: A-grade: ±0.75% = ±0.1% ±100 ppm/°C × 65°C B-grade: ±0.85% = ±0.2% ±100 ppm/°C × 65°C C-grade: ±1.15% = ±0.5% ±100 ppm/°C × 65°C D-grade: ±1.98% = ±1.0% ±150 ppm/°C × 65°C E-grade: ±2.98% = ±2.0% ±150 ppm/°C × 65°C The total overtemperature tolerance for the different grades in the extended temperature range where max ΔT = 100 °C is shown below: C-grade: ±1.5% = ±0.5% ±100 ppm/°C × 100°C D-grade: ±2.5% = ±1.0% ±150 ppm/°C × 100°C E-grade: ±3.5% = ±2.0% ±150 ppm/°C × 100°C Therefore, as an example, the A-grade 2.5-V LM4040-N has an overtemperature Reverse Breakdown Voltage tolerance of ±2.5V × 0.75% = ±19 mV. (3) Load regulation is measured on pulse basis from no load to the specified load current. Output changes due to die temperature change must be taken into account separately. (4) Thermal hysteresis is defined as the difference in voltage measured at +25°C after cycling to temperature -40°C and the 25°C measurement after cycling to temperature 125°C. 6.18 Electrical Characteristics: 5-V LM4040-N VR Tolerance Grades 'C' And 'D'; Temperature Grade 'E' all other limits TA = TJ = 25°C. The grades C and D designate initial Reverse Breakdown Voltage tolerances of ±0.5% and ±1%, respectively. PARAMETER TEST CONDITIONS MIN(1) TYP MAX(1) UNIT VR Reverse Breakdown Voltage IR = 100 μA 5 V Reverse Breakdown Voltage Tolerance(2) IR = 100 μA LM4040CEM3 TA = TJ = 25°C ±25 mV TA = TJ = TMIN to TMAX ±75 LM4040DEM3 TA = TJ = 25°C ±50 TA = TJ = TMIN to TMAX ±125 IRMIN Minimum Operating Current LM4040CEM3 TA = TJ = 25°C 54 74 μA TA = TJ = TMIN to TMAX 83 LM4040DEM3 TA = TJ = 25°C 54 79 TA = TJ = TMIN to TMAX 88 ΔVR/ ΔT Average Reverse Breakdown Voltage Temperature Coefficient(2) IR = 10 mA ±30 ppm/°C IR = 1 mA LM4040CEM3 TA = TJ = 25°C ±20 TA = TJ = TMIN to TMAX ±100 LM4040DEM3 TA = TJ = 25°C ±20 TA = TJ = TMIN to TMAX ±150 IR = 100 μA ±20 ΔVR/ ΔIR Reverse Breakdown Voltage Change with Operating Current Change(3) IRMIN ≤ IR ≤ 1 mA LM4040CEM3 TA = TJ = 25°C 0.5 1 mV TA = TJ = TMIN to TMAX 1.4 LM4040DEM3 TA = TJ = 25°C 0.5 1 TA = TJ = TMIN to TMAX 1.8 1 mA ≤ IR ≤ 15 mA LM4040CEM3 TA = TJ = 25°C 3.5 8 TA = TJ = TMIN to TMAX 12 LM4040DEM3 TA = TJ = 25°C 3.5 8 TA = TJ = TMIN to TMAX 15 ZR Reverse Dynamic Impedance IR = 1 mA, f = 120 Hz, IAC = 0.1 IR 0.5 1.1 Ω eN Wideband Noise IR = 100 μA 10 Hz ≤ f ≤ 10 kHz 80 μVrms ΔVR Reverse Breakdown Voltage Long Term Stability t = 1000 hrs T = 25°C ±0.1°C IR = 100 μA 120 ppm VHYST Thermal Hysteresis (4) ΔT = −40°C to 125°C 0.08% |
Similar Part No. - LM4040AIM3-4.1 |
|
Similar Description - LM4040AIM3-4.1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |