Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1052ST44 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1052ST44
Description  Monolithic High Voltage Gated Oscillator Power Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1052ST44 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1052ST44 Datasheet HTML 6Page - ON Semiconductor NCP1052ST44 Datasheet HTML 7Page - ON Semiconductor NCP1052ST44 Datasheet HTML 8Page - ON Semiconductor NCP1052ST44 Datasheet HTML 9Page - ON Semiconductor NCP1052ST44 Datasheet HTML 10Page - ON Semiconductor NCP1052ST44 Datasheet HTML 11Page - ON Semiconductor NCP1052ST44 Datasheet HTML 12Page - ON Semiconductor NCP1052ST44 Datasheet HTML 13Page - ON Semiconductor NCP1052ST44 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
http://onsemi.com
10
Figure 5. Oscillator Frequency (A Suffix)
versus Temperature
− 25
25
50
150
125
− 50
0
75
100
TEMPERATURE (
°C)
40
41
42
43
44
45
46
Figure 6. Oscillator Frequency (B Suffix)
versus Temperature
− 25
25
50
150
125
− 50
0
75
100
TEMPERATURE (
°C)
92
94
96
100
102
104
Figure 7. Oscillator Frequency (C Suffix)
versus Temperature
− 25
25
50
150
125
− 50
0
75
100
TEMPERATURE (
°C)
124
126
Figure 8. Frequency Sweep versus
Temperature
− 25
25
50
150
125
− 50
0
75
100
0
3
TEMPERATURE (
°C)
4
5
6
7
8
9
VCC = VCC(on)
98
128
130
132
134
136
138
140
136 kHz
Figure 9. Maximum Duty Cycle versus
Temperature
Figure 10. Lower Window Control Input
Current Thresholds versus Temperature
100 kHz
44 kHz
142
− 25
25
50
150
125
− 50
0
75
100
76.2
76.4
TEMPERATURE (
°C)
76.6
76.8
77.0
77.2
77.4
77.6
− 25
25
50
150
125
− 50
0
75
100
35
TEMPERATURE (
°C)
40
55
45
50
CURRENT RISING
CURRENT FALLING
VCC = VCC(off)
VCC = VCC(on)
VCC = VCC(off)
VCC = VCC(on)
VCC = VCC(off)
2
1
30


Similar Part No. - NCP1052ST44

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1052ST44T3 ONSEMI-NCP1052ST44T3 Datasheet
252Kb / 26P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
February, 2006 ??Rev. 9
NCP1052ST44T3G ONSEMI-NCP1052ST44T3G Datasheet
252Kb / 26P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
February, 2006 ??Rev. 9
More results

Similar Description - NCP1052ST44

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1050 ONSEMI-NCP1050_06 Datasheet
252Kb / 26P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
February, 2006 ??Rev. 9
NCP1050 ONSEMI-NCP1050_15 Datasheet
281Kb / 25P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
April, 2015 ??Rev. 14
logo
Data Delay Devices, Inc...
3D3701 DATADELAY-3D3701 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
3D7701 DATADELAY-3D7701 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
3D3702 DATADELAY-3D3702 Datasheet
240Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D3702)
3D7702 DATADELAY-3D7702 Datasheet
241Kb / 5P
   MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D7702)
logo
Advanced XTAL Products
AXGX90 AXTAL-AXGX90 Datasheet
103Kb / 3P
   Gated High Stability Crystal Oscillator
AXGX75 AXTAL-AXGX75 Datasheet
101Kb / 3P
   Gated High Stability Crystal Oscillator
logo
Data Delay Devices, Inc...
DLO-50 DATADELAY-DLO-50 Datasheet
111Kb / 1P
   GATED-DELAY LINE OSCILLATOR
logo
ON Semiconductor
MC33363B ONSEMI-MC33363B_15 Datasheet
211Kb / 11P
   High Voltage Switching Regulator
February, 2015 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com