Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4050QML-SP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM4050QML-SP
Description  Precision Micropower Shunt Voltage Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4050QML-SP Datasheet(HTML) 4 Page - Texas Instruments

  LM4050QML-SP Datasheet HTML 1Page - Texas Instruments LM4050QML-SP Datasheet HTML 2Page - Texas Instruments LM4050QML-SP Datasheet HTML 3Page - Texas Instruments LM4050QML-SP Datasheet HTML 4Page - Texas Instruments LM4050QML-SP Datasheet HTML 5Page - Texas Instruments LM4050QML-SP Datasheet HTML 6Page - Texas Instruments LM4050QML-SP Datasheet HTML 7Page - Texas Instruments LM4050QML-SP Datasheet HTML 8Page - Texas Instruments LM4050QML-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
VHYST =
lVR1 - VR2l
x 10
6 ppm
VR
LM4050QML
SNVS627G – JUNE 2010 – REVISED JULY 2013
www.ti.com
LM4050-2.5QML Electrical Characteristics SMD: 5962R0923561 (continued)
The initial Reverse Breakdown Voltage tolerance is ±0.1% @ 100
μA.
Sub-
Symbol
Parameter
Conditions
Notes
Typical(1)
Min
Max
Units
groups
IR = 60µA
±3
±15
Average Reverse Breakdown
IR = 100μA
±3
±16
Voltage Temperature
IR = 1mA
See(2)
±3
±18
2
Coefficient
IR = 10mA
±4
±20
@ 25°C
≤ TA ≤ 125°C
IR = 15mA
±6
±22
ΔVR/ΔT
ppm/°C
IR = 60µA
±3
±18
Average Reverse Breakdown
IR = 100μA
±3
±19
Voltage Temperature
IR = 1mA
See(2)
±3.5
±22
3
Coefficient
IR = 10mA
±10
±32
@
−55°C ≤ TA ≤ 25°C
IR = 15mA
±15
±45
IR = 1 mA, f = 120 Hz,
ZR
Reverse Dynamic Impedance
0.3
Ω
IAC = 0.1 IR
0.1 Hz
≤ f ≤ 10 Hz
9
μVpp
VN
Output Noise Voltage
10 Hz
≤ f ≤ 10KHz
50
μVrms
CLOAD
Load Capacitor
Stable Over Temperature
See(3)
60
0
100
µF
VHYST
Thermal Hysteresis
ΔT = −55°C to 125°C
See(4)
1
ppm
(2)
Not tested post irradiation. Typical post irradiation values listed in the post radiation Tempco table.
(3)
Capacitive load not required but improves SET stability. This parameter is ensured by design and/or characterization and is not tested in
production.
(4)
Thermal hysteresis is defined as the change in voltage measured at +25°C after cycling to temperature -55°C and the 25°C
measurement after cycling to temperature +125°C.
Where: VHYST = Thermal hysteresis expressed in ppm
VR = Nominal preset output voltage
VR1 = VR before temperature fluctuation
VR2 = VR after temperature fluctuation.
Post Radiation @ 25°C
(1)
The initial Reverse Breakdown Voltage tolerance is ±0.1% @ 100
μA. Qualification is performed with a 1.5X overtest. See for
TOTAL IONIZING DOSE details.
Sub-
Symbol
Parameter
Conditions
30 krad
50 krad
100 krad
groups
IR = 60μA
IR= 100μA
Reverse Breakdown Voltage
VR
IR = 1mA
Max
+0.42%
+0.67%
+1.75%
1
Tolerance
IR = 10mA
IR = 15mA
(1)
Pre and post irradiation limits are identical to those listed under electrical characteristics except as listed in the post radiation table.
Post Radiation Tempco
(1)
TYPICALS
Symbol
Parameter
Conditions
30 krad
50 krad
100 krad
Units
Average Reverse Breakdown Voltage
Temperature Coefficient Drift @ 25°C
60
μA ≤ IR ≤ 15mA
+41
+83
+144
ppm/°C
≤ TA ≤ 125°C
ΔVR/ΔT
Average Reverse Breakdown Voltage
Temperature Coefficient Drift @
60
μA ≤ IR ≤ 15mA
+46
+87
+166
ppm/°C
−55°C ≤ TA ≤ 25°C
(1)
Not tested post irradiation. Typical post irradiation values listed in the post radiation Tempco table.
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM4050QML


Similar Part No. - LM4050QML-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4050QML-SP TI-LM4050QML-SP_15 Datasheet
424Kb / 18P
[Old version datasheet]   LM4050QML Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4050QML-SP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com