Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4040AIM3-3.0 Datasheet(PDF) 43 Page - Texas Instruments

Part # LM4040AIM3-3.0
Description  LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4040AIM3-3.0 Datasheet(HTML) 43 Page - Texas Instruments

Back Button LM4040AIM3-3.0 Datasheet HTML 39Page - Texas Instruments LM4040AIM3-3.0 Datasheet HTML 40Page - Texas Instruments LM4040AIM3-3.0 Datasheet HTML 41Page - Texas Instruments LM4040AIM3-3.0 Datasheet HTML 42Page - Texas Instruments LM4040AIM3-3.0 Datasheet HTML 43Page - Texas Instruments LM4040AIM3-3.0 Datasheet HTML 44Page - Texas Instruments LM4040AIM3-3.0 Datasheet HTML 45Page - Texas Instruments LM4040AIM3-3.0 Datasheet HTML 46Page - Texas Instruments LM4040AIM3-3.0 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 67 page
background image
43
LM4040-N, LM4040-N-Q1
www.ti.com
SNOS633K – OCTOBER 2000 – REVISED JUNE 2016
Product Folder Links: LM4040-N LM4040-N-Q1
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
SOT-23 and SC70 Package Marking Information (continued)
R = Reference
Second Field: Voltage Option
J = 2.048-V Voltage Option
2 = 2.5-V Voltage Option
K = 3-V Voltage Option
4 = 4.096-V Voltage Option
5 = 5-V Voltage Option
8 = 8.192-V Voltage Option
0 = 10-V Voltage Option
Third Field: Initial Reverse Breakdown Voltage or Reference Voltage Tolerance
A = ±0.1%
B = ±0.2%
C = +0.5%
D = ±1.0%
E = ±2.0%
PART MARKING
FIELD DEFINITION
RJA (SOT-23 only)
Reference, 2.048 V, ±0.1%
R2A (SOT-23 only)
Reference, 2.5 V, ±0.1%
RKA (SOT-23 only)
Reference, 3 V, ±0.1%
R4A (SOT-23 only)
Reference, 4.096 V, ±0.1%
R5A (SOT-23 only)
Reference, 5 V, ±0.1%
R8A (SOT-23 only)
Reference, 8.192 V, ±0.1%
R0A (SOT-23 only)
Reference, 10 V, ±0.1%
RJB
Reference, 2.048 V, ±0.2%
R2B
Reference, 2.5 V, ±0.2%
RKB
Reference, 3 V, ±0.2%
R4B
Reference, 4.096 V, ±0.2%
R5B
Reference, 5 V, ±0.2%
R8B (SOT-23 only)
Reference, 8.192 V, ±0.2%
R0B (SOT-23 only)
Reference, 10 V, ±0.2%
RJC
Reference, 2.048 V, ±0.5%
R2C
Reference, 2.5 V, ±0.5%
RKC
Reference, 3 V, ±0.5%
R4C
Reference, 4.096 V, ±0.5%
R5C
Reference, 5 V, ±0.5%
R8C (SOT-23 only)
Reference, 8.192 V, ±0.5%
R0C (SOT-23 only)
Reference, 10 V, ±0.5%
RJD
Reference, 2.048 V, ±1.0%
R2D
Reference, 2.5 V, ±1.0%
RKD
Reference, 3 V, ±1.0%
R4D
Reference, 4.096 V, ±1.0%
R5D
Reference, 5 V, ±1.0%
R8D (SOT-23 only)
Reference, 8.192 V, ±1.0%
R0D (SOT-23 only)
Reference, 10 V, ±1.0%
RJE
Reference, 2.048 V, ±2.0%
R2E
Reference, 2.5 V, ±2.0%
RKE
Reference, 3 V, ±2.0%


Similar Part No. - LM4040AIM3-3.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4040AIM3-3.0 NSC-LM4040AIM3-3.0 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
LM4040AIM3-3.0 NSC-LM4040AIM3-3.0 Datasheet
745Kb / 31P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040AIM3-3.0 TI1-LM4040AIM3-3.0 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIM3-3.0 TI1-LM4040AIM3-3.0 Datasheet
1Mb / 51P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIM3-3.0 TI1-LM4040AIM3-3.0 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4040AIM3-3.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4040AIZ-2.5 TI1-LM4040AIZ-2.5 Datasheet
1Mb / 51P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_13 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIZ-4.1 TI-LM4040AIZ-4.1 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI1-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041CIM3-ADJ TI1-LM4041CIM3-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3X-25 TI-LM4050AIM3X-25 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com