Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4450B Datasheet(PDF) 7 Page - Texas Instruments

Part # LM4450B
Description  LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec With Stereo Headphone Amplifier, Sample Rate Conversion and TI 3D Sou
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4450B Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4450B Datasheet HTML 3Page - Texas Instruments LM4450B Datasheet HTML 4Page - Texas Instruments LM4450B Datasheet HTML 5Page - Texas Instruments LM4450B Datasheet HTML 6Page - Texas Instruments LM4450B Datasheet HTML 7Page - Texas Instruments LM4450B Datasheet HTML 8Page - Texas Instruments LM4450B Datasheet HTML 9Page - Texas Instruments LM4450B Datasheet HTML 10Page - Texas Instruments LM4450B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
LM4550B
www.ti.com
SNAS276G – MAY 2005 – REVISED SEPTEMBER 2015
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
AC Link frame marker and Warm Reset
This input defines the boundaries of AC Link frames. Each frame lasts 256 periods of BIT_CLK. In
normal operation SYNC is a 48 kHz positive pulse with a duty cycle of 6.25% (16/256). SYNC is
sampled on the falling edge of BIT_CLK and the codec takes the first positive sample of SYNC as
SYNC
10
I
defining the start of a new AC Link frame. If a subsequent SYNC pulse occurs within 255 BIT_CLK
periods of the frame start it will be ignored.
SYNC is also used as an active high input to perform an (asynchronous) Warm Reset. Warm Reset is
used to clear a power-down state on the codec AC Link interface.
Cold Reset
This active low signal causes a hardware reset which returns the control registers and all internal
circuits to their default conditions. RESET# MUST be used to initialize the LM4550B after Power On
RESET#
11
I
when the supplies have stabilized. Cold Reset also clears the codec from both ATE and Vendor test
modes. In addition, while active, it switches the PC_BEEP mono input directly to both channels of the
LINE_OUT stereo output.
Codec Identity
ID1# and ID0# determine the Codec Identity for multiple codec use. The Codec Identity configures the
codec in either Primary or one of three Secondary Codec modes. These Identity pins are of inverted
polarity relative to the Codec Identity bits ID1, ID0 (bits D15, D14) in the read-only Extended Audio ID
ID0#
45
I
register, 28h. If the ID0# pin (pin 45) is connected to ground then the ID0 bit (D14, reg 28h) will be set
to 1. Similarly, connection to DVDD will set the ID0 bit to 0. If left open (NC), ID0# is pulled high by an
internal pullup resistor. The Codec Identity bits are also used in the Chain-In Control register, 74h. See
the register description and the CIN pin description for details.
Codec Identity
ID1# and ID0# determine the codec address for multiple codec use. The Codec Identity configures the
codec in either Primary or one of three Secondary Codec modes. These Identity pins are of inverted
polarity relative to the Codec Identity bits ID1, ID0 (bits D15, D14) in the read-only Extended Audio ID
ID1#
46
I
register, 28h. If the ID1# pin (pin 46) is connected to ground then the ID1 bit (D15, reg 28h) will be set
to 1. Similarly, connection to DVDD will set the ID1 bit to 0. If left open (NC), ID1# is pulled high by an
internal pullup resistor. The Codec Identity bits are also used in the Chain-In Control register, 74h. See
the register description and the CIN pin description for details.
External Amplifier Power-Down control signal
This output is set by the EAPD bit (bit D15) in the Power-down Control/Status register, 26h. As with
EAPD
47
O
the other logic outputs, the output voltage is set by DVDD. This pin is intended to be connected to the
shutdown pin on an external power amplifier. For normal operation the default value of EAPD = 0 will
enable the external amplifier allowing an input on PC_BEEP to be heard during Cold Reset.
Chain In
The codec can be instructed to disconnect its own SDATA_IN signal and instead pass the signal on
CIN through to the SDATA_IN output pin. This is achieved by changing the value of the two LSBs of
the Chain-In Control register (74h) so that they differ from the Codec Identity bits ID1, ID0. Those two
LSBs default to the value of the Codec Identity bits following Cold Reset thereby disabling the Chain In
CIN
48
I
feature. Chain In can also be disabled by reading the Codec Identity from the Extended Audio ID
register (28h) and writing the value back into register 74h LSBs. The Codec Identity bits are
determined by the input pins ID1#, ID0#.
CIN can be left open (NC) provided that the chain feature is disabled. When the chain feature is used,
CIN should always be driven. Either connect the SDATA_IN pin from another codec or else ground
CIN to prevent the possibility of floating the SDATA_IN signal at the controller.
POWER SUPPLIES AND REFERENCES
AVDD1
25
I
Analog supply
AVSS1
26
I
Analog ground
AVDD2
38
I
Analog supply 2
AVSS2
42
I
Analog ground 2
DVDD1
1
I
Digital supply
DVDD2
9
I
Digital supply
DVSS1
4
I
Digital ground
DVSS2
7
I
Digital ground
Nominal 2.2-V internal reference
VREF
27
O
Not intended to sink or source current. Use short traces to bypass (3.3 µF, 0.1 µF) this pin to
maximize codec performance. See text.
Nominal 2.2-V reference output
VREF_OUT
28
O
Can source up to 5 mA of current and can be used to bias a microphone.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4550B


Similar Part No. - LM4450B

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM4401K LEIDITECH-LM4401K Datasheet
1Mb / 5P
   Low Gate Charge N?묬hannel Device
logo
Pulse A Technitrol Comp...
LM440C PULSE-LM440C Datasheet
395Kb / 3P
   UHF 406-512 MHz
LM440C PULSE-LM440C Datasheet
294Kb / 11P
   Outside coupler and factory tuned whip only for KG UHF glass mount antennas
logo
Connor-Winfield Corpora...
LM442-155.52M CONNOR-WINFIELD-LM442-155.52M Datasheet
138Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
Texas Instruments
LM442-MIL TI1-LM442-MIL Datasheet
793Kb / 25P
[Old version datasheet]   Dual Low Power JFET Input Operational Amplifier
More results

Similar Description - LM4450B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4550B NSC-LM4550B Datasheet
998Kb / 31P
   AC 97 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
LM4550 NSC-LM4550 Datasheet
507Kb / 25P
   AC ??7 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
logo
Texas Instruments
LM4550BVHX TI1-LM4550BVHX Datasheet
1Mb / 43P
[Old version datasheet]   LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec
logo
National Semiconductor ...
LM4546A NSC-LM4546A Datasheet
1Mb / 28P
   AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
LM4549B NSC-LM4549B Datasheet
933Kb / 28P
   AC ??7 Rev 2.1 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
logo
Texas Instruments
LM4546B TI1-LM4546B Datasheet
1Mb / 37P
[Old version datasheet]   LM4546B AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and Texas Instruments 3D Sound
logo
National Semiconductor ...
LM4546 NSC-LM4546_09 Datasheet
1Mb / 18P
   AC 97 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
logo
Texas Instruments
LM4548 TI1-LM4548 Datasheet
570Kb / 21P
[Old version datasheet]   AC 97 Rev 2 Codec with Sample Rate Conversion
logo
National Semiconductor ...
LM4549A NSC-LM4549A Datasheet
528Kb / 28P
   AC ??7 Rev 2.1 Codec with Sample Rate Conversion and National 3D Sound
LM4549 NSC-LM4549 Datasheet
324Kb / 18P
   AC ??7 Rev 2.1 Codec with Sample Rate Conversion and National 3D Sound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com