Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3881 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM3881
Description  LM3881 Simple Power Sequencer With Adjustable Timing
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3881 Datasheet(HTML) 5 Page - Texas Instruments

  LM3881 Datasheet HTML 1Page - Texas Instruments LM3881 Datasheet HTML 2Page - Texas Instruments LM3881 Datasheet HTML 3Page - Texas Instruments LM3881 Datasheet HTML 4Page - Texas Instruments LM3881 Datasheet HTML 5Page - Texas Instruments LM3881 Datasheet HTML 6Page - Texas Instruments LM3881 Datasheet HTML 7Page - Texas Instruments LM3881 Datasheet HTML 8Page - Texas Instruments LM3881 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
LM3881
www.ti.com
SNVS555D – JANUARY 2008 – REVISED DECEMBER 2014
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted). Minimum and Maximum limits are ensured through test,
design or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C and are provided for
reference purposes only. TJ = –40°C to +125°C, VCC = 3.3 V, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
IQ
Operating Quiescent Current
80
110
µA
OPEN-DRAIN FLAGS
IFLAG
FLAGx Leakage
VFLAGx = 3.3 V
0.001
1
µA
Current
VOL
FLAGx Output
IFLAGx = 1.2 mA
0.4
V
Voltage Low
TIME DELAYS
ITADJ_SRC
TADJ Source Current
4
12
20
µA
ITADJ_SNK
TADJ Sink Current
4
12
20
µA
VHTH
High Threshold Level
1.0
1.22
1.4
V
VLTH
Low Threshold Level
0.3
0.5
0.7
V
TCLK
Clock Cycle
CADJ = 10 nF
1.2
ms
TD1, TD4
Flag Time Delay
9
10
Clock cycles
TD2, TD3,
Flag Time Delay
8
Clock cycles
TD5, TD6
ENABLE PIN
VEN
EN Pin Threshold
1.0
1.22
1.5
V
IEN
EN Pin Pullup Current VEN = 0 V
7
µA
INV PIN
VIH_INV
Invert Pin VIH
90% VCC
V
VIL_INV
Invert Pin VIL
10%
V
VCC
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation using Statistical
Quality Control (SQC) methods. The limits are used to calculate TI's Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3881


Similar Part No. - LM3881

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3881 NSC-LM3881 Datasheet
243Kb / 14P
   Power Sequencer
logo
Texas Instruments
LM3881 TI-LM3881 Datasheet
791Kb / 17P
[Old version datasheet]   LM3881 Power Sequencer
LM3881 TI-LM3881 Datasheet
766Kb / 17P
[Old version datasheet]   LM3881 Power Sequencer
LM3881 TI1-LM3881 Datasheet
790Kb / 17P
[Old version datasheet]   Power Sequencer
logo
National Semiconductor ...
LM3881MM NSC-LM3881MM Datasheet
243Kb / 14P
   Power Sequencer
More results

Similar Description - LM3881

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3881MME TI-LM3881MME Datasheet
766Kb / 17P
[Old version datasheet]   LM3881 Power Sequencer
LM3881MM-NOPB TI-LM3881MM-NOPB Datasheet
791Kb / 17P
[Old version datasheet]   LM3881 Power Sequencer
LM3880 TI1-LM3880_16 Datasheet
1Mb / 29P
[Old version datasheet]   Simple Power Sequencer
logo
Intersil Corporation
ISL8702IBZ-T INTERSIL-ISL8702IBZ-T Datasheet
295Kb / 13P
   Adjustable Quad Sequencer
ISL8700 INTERSIL-ISL8700 Datasheet
295Kb / 13P
   Adjustable Quad Sequencer
ISL8700AIBZ INTERSIL-ISL8700AIBZ Datasheet
289Kb / 12P
   Adjustable Quad Sequencer
logo
Altera Corporation
ES1022SI ALTERA-ES1022SI Datasheet
1,000Kb / 14P
   Adjustable Quad Sequencer
logo
Renesas Technology Corp
ISL8700 RENESAS-ISL8700 Datasheet
656Kb / 13P
   Adjustable Quad Sequencer
logo
Intersil Corporation
ISL8700A INTERSIL-ISL8700A Datasheet
287Kb / 12P
   Adjustable Quad Sequencer
October 12, 2006
logo
Mallory performance clu...
PN8680 MALLORY-PN8680 Datasheet
1Mb / 8P
   Adjustable Timing Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com