Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3081E Datasheet(PDF) 5 Page - Exar Corporation

Part # SP3081E
Description  ADVANTAGES OF ENHANCED RECEIVER FAILSAFE FEATURES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3081E Datasheet(HTML) 5 Page - Exar Corporation

  SP3081E Datasheet HTML 1Page - Exar Corporation SP3081E Datasheet HTML 2Page - Exar Corporation SP3081E Datasheet HTML 3Page - Exar Corporation SP3081E Datasheet HTML 4Page - Exar Corporation SP3081E Datasheet HTML 5Page - Exar Corporation SP3081E Datasheet HTML 6Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
APPLICATION NOTE
5
AN207
4.0 EXAR TRANSCEIVERS WITH ENHANCED RECEIVER FAILSAFE
TABLE 1: ENHANCED RECEIVER FAILSAFE TRANSCEIVERS
PART NUMBER
VCC
MAXIMUM DATA RATE
PACKAGE
SP1486E
5.0V
20Mbps
8-pin NSOIC
SP4082E
5.0V
115kbps
8-pin NSOIC
SP3495E
3.3V
32Mbps
8-pin NSOIC
SP3496E
3.3V
32Mbps
8-pin NSOIC
SP3497E
3.3V
32Mbps
14-pin NSOIC
SP3070E
3.3V
250kbps
14-pin NSOIC
SP3071E
3.3V
250kbps
8-pin NSOIC
SP3072E
3.3V
250kbps
8-pin NSOIC
SP3073E
3.3V
500kbps
14-pin NSOIC
SP3074E
3.3V
500kbps
8-pin NSOIC
SP3075E
3.3V
500kbps
8-pin NSOIC
SP3076E
3.3V
16Mbps
14-pin NSOIC
SP3077E
3.3V
16Mbps
8-pin NSOIC
SP3078E
3.3V
16Mbps
8-pin NSOIC
SP3080E
5.0V
115kbps
14-pin NSOIC
SP3081E
5.0V
115kbps
8-pin NSOIC
SP3082E
5.0V
115kbps
8-pin NSOIC
SP3083E
5.0V
500kbps
14-pin NSOIC
SP3084E
5.0V
500kbps
8-pin NSOIC
SP3085E
5.0V
500kbps
8-pin NSOIC
SP3086E
5.0V
20Mbps
14-pin NSOIC
SP3087E
5.0V
20Mbps
8-pin NSOIC
SP3088E
5.0V
20Mbps
8-pin NSOIC
XR3170E
3.3V
250kbps
14-pin NSOIC
XR3171E
3.3V
250kbps
8-pin NSOIC
XR3172E
3.3V
250kbps
8-pin NSOIC
XR3173E
3.3V
500kbps
14-pin NSOIC
XR3174E
3.3V
500kbps
8-pin NSOIC
XR3175E
3.3V
500kbps
8-pin NSOIC
XR3176E
3.3V
20Mbps
14-pin NSOIC
XR3177E
3.3V
20Mbps
8-pin NSOIC
XR3178E
3.3V
20Mbps
8-pin NSOIC
XR5486E
5.0V
52Mbps
14-pin NSOIC
XR5487E
5.0V
52Mbps
8-pin NSOIC
XR5488E
5.0V
52Mbps
8-pin NSOIC


Similar Part No. - SP3081E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3081E SIPEX-SP3081E Datasheet
756Kb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Exar Corporation
SP3081E EXAR-SP3081E Datasheet
1Mb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Sipex Corporation
SP3081EEN SIPEX-SP3081EEN Datasheet
756Kb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Exar Corporation
SP3081EEN-L EXAR-SP3081EEN-L Datasheet
1Mb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
SP3081EEN-L/TR EXAR-SP3081EEN-L/TR Datasheet
1Mb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
More results

Similar Description - SP3081E

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
AN-145 IXYS-AN-145 Datasheet
199Kb / 11P
   Advantages of Solid-State Relays
logo
Fairchild Semiconductor
AN-5046 FAIRCHILD-AN-5046 Datasheet
79Kb / 4P
   LVDS Receiver Failsafe Biasing Networks
logo
Altera Corporation
5CGXFC7D6 ALTERA-5CGXFC7D6 Datasheet
497Kb / 35P
   Key Advantages of Cyclone V Devices
5CSXFC6D ALTERA-5CSXFC6D Datasheet
497Kb / 35P
   Key Advantages of Cyclone V Devices
logo
List of Unclassifed Man...
W199AX-8 ETC2-W199AX-8 Datasheet
1Mb / 11P
   Advantages of the W199 Power Relay
logo
Altera Corporation
5AGXFB7K4F40I3N ALTERA-5AGXFB7K4F40I3N Datasheet
522Kb / 39P
   Key Advantages of Arria V Devices
logo
Freescale Semiconductor...
MC908GZ60CFUE FREESCALE-MC908GZ60CFUE Datasheet
2Mb / 352P
   Standard features, Features of the CPU08
logo
Xilinx, Inc
XC2VP30-6FF896I XILINX-XC2VP30-6FF896I Datasheet
2Mb / 432P
   Summary of Features
DS083 XILINX-DS083 Datasheet
3Mb / 430P
   Summary of Features
XC2V1500-4FFG896C XILINX-XC2V1500-4FFG896C Datasheet
2Mb / 318P
   Summary of Features
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com