Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3722 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3722
Description  LM3722/LM3723/LM3724 5-Pin Microprocessor Reset Circuits
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3722 Datasheet(HTML) 2 Page - Texas Instruments

  LM3722 Datasheet HTML 1Page - Texas Instruments LM3722 Datasheet HTML 2Page - Texas Instruments LM3722 Datasheet HTML 3Page - Texas Instruments LM3722 Datasheet HTML 4Page - Texas Instruments LM3722 Datasheet HTML 5Page - Texas Instruments LM3722 Datasheet HTML 6Page - Texas Instruments LM3722 Datasheet HTML 7Page - Texas Instruments LM3722 Datasheet HTML 8Page - Texas Instruments LM3722 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
VCC
Reset Comparator
22k
Low Line
Comparator
OPEN for LM3724
CONNECT for
LM3722/LM3723
+
-
Manual Reset
Comparator
Reset Logic and
One-Shot Timer
+
-
1.225V
Reference
MR
RESET/
RESET
GND
VCC
LM3722
LM3723
LM3724
1
2
3
4
5
MR
*(RESET)
RESET
GND
LM3722, LM3723, LM3724
SNVS154E – MAY 2001 – REVISED MARCH 2013
www.ti.com
Connection Diagram
*( ) are for LM3723
Figure 3. SOT-23-5
PIN DESCRIPTIONS
PIN
NAME
FUNCTION
1
GND
Ground reference
2
GND
Ground reference, device substrate, connect to ground.
RESET
Active-low output. RESET remains low while VCC is below the reset threshold voltage, and for 190
LM3722/LM3724
ms after VCC rises above the reset threshold voltage.
3
RESET
Active-high output. RESET remains high while VCC is below the reset threshold, and for 190 ms
LM3723
after VCC rises above the reset threshold.
Active-low input. Reset is asserted whenever this pin is pulled low and remains asserted for 190 ms
4
MR
after the MR pin goes high. May be left open.
5
VCC
Supply Voltage (+5V, +3.3V, or +2.5V, nominal)
Block Diagram
Figure 4. LM3722/LM3723/LM3724 Block Diagram
2
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM3722 LM3723 LM3724


Similar Part No. - LM3722

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3722 NSC-LM3722 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
LM3722EM5-2.32 NSC-LM3722EM5-2.32 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
LM3722EM5-3.08 NSC-LM3722EM5-3.08 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
LM3722EM5-4.63 NSC-LM3722EM5-4.63 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
LM3722EM5X-2.32 NSC-LM3722EM5X-2.32 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
More results

Similar Description - LM3722

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3722 NSC-LM3722 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809 Datasheet
174Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 3
logo
ACE Technology Co., LTD...
ACE809 ACE-ACE809 Datasheet
200Kb / 6P
   3-Pin Microprocessor Reset Circuits
VER 1.2
logo
Anachip Corp
AP1701 ANACHIP-AP1701 Datasheet
165Kb / 8P
   3-Pin Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com