Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3711 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3711
Description  LM3710/LM3711 Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3711 Datasheet(HTML) 1 Page - Texas Instruments

  LM3711 Datasheet HTML 1Page - Texas Instruments LM3711 Datasheet HTML 2Page - Texas Instruments LM3711 Datasheet HTML 3Page - Texas Instruments LM3711 Datasheet HTML 4Page - Texas Instruments LM3711 Datasheet HTML 5Page - Texas Instruments LM3711 Datasheet HTML 6Page - Texas Instruments LM3711 Datasheet HTML 7Page - Texas Instruments LM3711 Datasheet HTML 8Page - Texas Instruments LM3711 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
VIN1
GND
GND
NMI
VCC
PFI
MR
VCC
PP
PFO
INT
LLO
Reset
Reset
VIN2
bus
WDI
LM3710, LM3711
www.ti.com
SNVS150E – NOVEMBER 2000 – REVISED MARCH 2013
LM3710/LM3711 Microprocessor Supervisory Circuits with Power Fail Input, Low Line
Output, Manual Reset and Watchdog Timer
Check for Samples: LM3710, LM3711
1
FEATURES
DESCRIPTION
The
LM3710/LM3711
series
of
microprocessor
2
Standard Reset Threshold Voltage: 3.08V
supervisory circuits provide the maximum flexibility for
Custom Reset Threshold Voltages: For other
monitoring power supplies and battery controlled
voltages between 2.2V and 5.0V in 10mV
functions in systems without backup batteries. The
increments, contact TI
LM3710/LM3711 series are available in VSSOP-10
and 9-bump DSBGA packages.
No External Components Required
Manual-Reset Input
Built-in features include the following:
RESET (LM3710) or RESET (LM3711) Outputs
Reset: Reset is asserted during power-up, power-
Precision Supply Voltage Monitor
down, and brownout conditions. RESET is ensured
down to VCC of 1.0V.
Factory Programmable Reset and Watchdog
Timeout Delays
Manual Reset Input: An input that asserts reset when
pulled low.
Separate Power Fail Comparator
Available in DSBGA Package for Minimum
Power-Fail Input: A 1.225V threshold detector for
Footprint
power fail warning, or to monitor a power supply other
than VCC.
±0.5% Reset Threshold Accuracy at Room
Temperature
Low Line Output: This early power failure warning
indicator goes low when the supply voltage drops to a
±2% Reset Threshold Accuracy Over
value which is 2% higher than the reset threshold
Temperature Extremes
voltage.
Reset Assertion Down to 1V VCC (RESET
Watchdog
Timer:
The
WDI
(Watchdog
Input)
Option Only)
monitors one of the µP's output lines for activity. If no
28 µA VCC Supply Current
output transition occurs during the watchdog timeout
period, reset is activated.
APPLICATIONS
Embedded Controllers and Processors
Intelligent Instruments
Automotive Systems
Critical µP Power Monitoring
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3711

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3711 NSC-LM3711 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
LM3711XQBP-308 NSC-LM3711XQBP-308 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
LM3711XQBPX-308 NSC-LM3711XQBPX-308 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
LM3711XQMM-308 NSC-LM3711XQMM-308 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
LM3711XQMMX-308 NSC-LM3711XQMMX-308 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
More results

Similar Description - LM3711

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3710 NSC-LM3710 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
LM3712 NSC-LM3712 Datasheet
244Kb / 13P
   Microprocessor Supervisory Circuits with Separate Watchdog Timer Output, Power Fail Input and Manual Reset
LM3709 NSC-LM3709 Datasheet
232Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output, Manual Reset and Watchdog Timer
LM3704 NSC-LM3704 Datasheet
315Kb / 17P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
LM3706 NSC-LM3706 Datasheet
217Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output and Watchdog Timer
logo
Maxim Integrated Produc...
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Maxim Integrated Produc...
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com