Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3710 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3710
Description  LM3710/LM3711 Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3710 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3710 Datasheet HTML 7Page - Texas Instruments LM3710 Datasheet HTML 8Page - Texas Instruments LM3710 Datasheet HTML 9Page - Texas Instruments LM3710 Datasheet HTML 10Page - Texas Instruments LM3710 Datasheet HTML 11Page - Texas Instruments LM3710 Datasheet HTML 12Page - Texas Instruments LM3710 Datasheet HTML 13Page - Texas Instruments LM3710 Datasheet HTML 14Page - Texas Instruments LM3710 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
System
Regulator
0.1P ceramic
3.3V
R1
R2
VCC
GND
PFI
RESET
MR
PFO
RESET
INT
PP
R1
R2
+ 1
Power-Fail Reset Threshold, VPFT = 1.225
(
.
Raw Supply
(Battery)
Active Data
Line
WDI
VCC
RESET
3.3V
1.8
V
107k
332k
VI/O
VCORE
FAULT
(Normally High)
GND
PFI
PFO
RESET
Active Data Line
WDI
MR
GND
VCC
PFI
MR
PFO
RESET
RESET
3.3V
1.8V
107k
332k
VI/O
Vcore
3.3k
WDI
Active Data Line
LM3710, LM3711
www.ti.com
SNVS150E – NOVEMBER 2000 – REVISED MARCH 2013
Figure 15. Monitoring Two Supplies plus Manual Reset And Dataline
Figure 16. Monitoring Dual Supplies plus External Fault Input And Dataline
Note: MR input with its 1.225V nominal threshold, may monitor an additional supply voltage. An internal 56 k
Ω pull-up
resistor is included on this input.
Figure 17. Microprocessor Supervisor with Early Warning Detector
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3710 LM3711


Similar Part No. - LM3710

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3710 NSC-LM3710 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
logo
HTC Korea TAEJIN Techno...
LM37100 HTC-LM37100 Datasheet
697Kb / 13P
   1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
LM37100D-1.5V HTC-LM37100D-1.5V Datasheet
697Kb / 13P
   1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
LM37100D-1.8V HTC-LM37100D-1.8V Datasheet
697Kb / 13P
   1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
LM37100D-2.5V HTC-LM37100D-2.5V Datasheet
697Kb / 13P
   1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
More results

Similar Description - LM3710

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3710 NSC-LM3710 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
LM3712 NSC-LM3712 Datasheet
244Kb / 13P
   Microprocessor Supervisory Circuits with Separate Watchdog Timer Output, Power Fail Input and Manual Reset
LM3709 NSC-LM3709 Datasheet
232Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output, Manual Reset and Watchdog Timer
LM3704 NSC-LM3704 Datasheet
315Kb / 17P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
LM3706 NSC-LM3706 Datasheet
217Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output and Watchdog Timer
logo
Maxim Integrated Produc...
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Maxim Integrated Produc...
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com