Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI4401DY Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SI4401DY
Description  P-Channel 40-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SI4401DY Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Si4401DY
Vishay Siliconix
New Product
Document Number: 71226
S-03452—Rev. C, 09-Apr-01
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
1300
2600
3900
5200
6500
0
6
12
18
24
30
0.6
0.8
1.0
1.2
1.4
1.6
1.8
–50
–25
0
25
50
75
100
125
150
0
2
4
6
8
10
0
15304560
75
0.000
0.008
0.016
0.024
0.032
0.040
0
10203040
50
VDS – Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VDS = 15 V
ID = 10.5 A
ID – Drain Current (A)
VGS = 10 V
ID = 10.5 A
VGS = 10 V
Gate Charge
On-Resistance vs. Drain Current
Qg – Total Gate Charge (nC)
Capacitance
On-Resistance vs. Junction Temperature
TJ – Junction Temperature (_C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0
2468
10
TJ = 25_C
ID = 10.5 A
50
10
1
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD – Source-to-Drain Voltage (V)
VGS – Gate-to-Source Voltage (V)
VGS = 4.5 V
TJ = 150_C


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SI4401BDYP-Channel 40-V D-S MOSFET 1 2 3 Vishay Siliconix
SI7463DPP-Channel 40-V D-S MOSFET 1 2 3 4 5 Fairchild Semiconductor
SUM110P04-04LP-Channel 40-V D-S 175-LC MOSFET 1 2 3 4 5 Vishay Siliconix
SUD50P04-09LP-Channel 40-V D-S 175C MOSFET 1 2 3 4 Vishay Siliconix
SUD50P04-13LP-Channel 40-V D-S 175C MOSFET 1 2 3 4 5 Vishay Siliconix
SI4567DYDual N- and P-Channel 40-V D-S MOSFET 1 2 3 4 Vaishali Semiconductor
SI4569DYN- and P-Channel 40-V D-S MOSFET 1 2 3 4 Vaishali Semiconductor
SUB65P04-15P-Channel 40-V D-S 175C MOSFET 1 2 3 4 5 Vishay Siliconix
SUM110P04-05P-Channel 40-V D-S MOSFET 1 2 3 Vishay Siliconix
SUD50P04-15P-Channel 40-V D-S 175C MOSFET 1 2 3 4 Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn