Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2734AIDGSR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2734AIDGSR
Description  SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2734AIDGSR Datasheet(HTML) 5 Page - Texas Instruments

  OPA2734AIDGSR Datasheet HTML 1Page - Texas Instruments OPA2734AIDGSR Datasheet HTML 2Page - Texas Instruments OPA2734AIDGSR Datasheet HTML 3Page - Texas Instruments OPA2734AIDGSR Datasheet HTML 4Page - Texas Instruments OPA2734AIDGSR Datasheet HTML 5Page - Texas Instruments OPA2734AIDGSR Datasheet HTML 6Page - Texas Instruments OPA2734AIDGSR Datasheet HTML 7Page - Texas Instruments OPA2734AIDGSR Datasheet HTML 8Page - Texas Instruments OPA2734AIDGSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
OPA734, OPA2734
OPA735, OPA2735
SBOS282A − DECEMBER 2003 − REVISED FEBRUARY 2004
www.ti.com
5
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = ±5V (same as +10V).
OUTPUT VOLTAGE PRODUCTION DISTRIBUTION
Offset Voltage (
µV)
OUTPUT VOLTAGE DRIFT PRODUCTION DISTRIBUTION
Offset Voltage Drift (
µV/_C)
Absolute Value;
Centered Around Zero
6
4
2
0
−2
−4
−6
OUTPUT VOLTAGE SWING TO RAIL
vs OUTPUT CURRENT
Output Current (mA)
0
5
10
15
20
25
30
35
−40_C
+85
_C
+25
_C
1000
0
−1000
−2000
−3000
−4000
−5000
−6000
−7000
−8000
−9000
−10000
INPUT BIAS CURRENT vs TEMPERATURE
Temperature (
_C)
−50
−25
0
255075
100
125
−I
B
+I
B
85
V
CM =V−
10 Representative Units
1000
800
600
400
200
0
−200
−400
−600
−800
−1000
INPUT BIAS CURRENT vs TEMPERATURE
Temperature (
_C)
−50
−25
0
25
50
75
100
125
−I
B
+I
B
85
V
CM =VS/2
10 Representative Units
800
600
400
200
0
SUPPLY CURRENT vs TEMPERATURE
Temperature (
_C)
−50
−25
0
25
50
75
100
125
±1.35V
±6V


Similar Part No. - OPA2734AIDGSR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2734AIDGSR BURR-BROWN-OPA2734AIDGSR Datasheet
607Kb / 23P
   0.05uV/?C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
OPA2734AIDGSRG4 BURR-BROWN-OPA2734AIDGSRG4 Datasheet
607Kb / 23P
   0.05uV/?C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2734AIDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2335AIDGKRG4 TI1-OPA2335AIDGKRG4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA333 TI1-OPA333 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
[Old version datasheet]   CMOS Operational Amplifiers Zero-Drift
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
   Zero Drift operational amplifiers
logo
Texas Instruments
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
[Old version datasheet]   Zero-Drift Operational Amplifiers
OPA2333AIDGKR TI-OPA2333AIDGKR Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
Asahi Kasei Microsystem...
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
   Zero Drift operational amplifiers
AK2973 AKM-AK2973 Datasheet
1Mb / 18P
   Zero Drift operational amplifiers
AK2922H AKM-AK2922H Datasheet
193Kb / 5P
   Zero Drift operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com