Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1050P44 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1050P44
Description  Monolithic High Voltage Gated Oscillator Power Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1050P44 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1050P44 Datasheet HTML 3Page - ON Semiconductor NCP1050P44 Datasheet HTML 4Page - ON Semiconductor NCP1050P44 Datasheet HTML 5Page - ON Semiconductor NCP1050P44 Datasheet HTML 6Page - ON Semiconductor NCP1050P44 Datasheet HTML 7Page - ON Semiconductor NCP1050P44 Datasheet HTML 8Page - ON Semiconductor NCP1050P44 Datasheet HTML 9Page - ON Semiconductor NCP1050P44 Datasheet HTML 10Page - ON Semiconductor NCP1050P44 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
http://onsemi.com
7
ELECTRICAL CHARACTERISTICS (VCC = 8.0 V, for typical values TJ = 25°C, for min/max values, TJ is the operating junction
temperature range that applies (Note 2), unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
OSCILLATOR
Frequency (VCC = 7.5 V)
TJ = 25°C:
A Suffix Device
B Suffix Device
C Suffix Device
TJ = Tlow to Thigh
A Suffix Device
B Suffix Device
C Suffix Device
fOSC(low)
38
87
119
37
84
113
42.5
97
132
47
107
145
47
107
145
kHz
Frequency (VCC = 8.5 V)
TJ = 25°C:
A Suffix Device
B Suffix Device
C Suffix Device
TJ = Tlow to Thigh
A Suffix Device
B Suffix Device
C Suffix Device
fOSC(high)
41
93
126
39
90
120
45.5
103
140
50
113
154
50
113
154
kHz
Frequency Sweep (VCC = 7.5 V to 8.5 V, TJ = 25°C)
%fOSC
5.0
%
Maximum Duty Cycle
D(max)
74
77
80
%
CONTROL INPUT
Lower Window Input Current Threshold
Switching Enabled, Sink Current Increasing
Switching Disabled, Sink Current Decreasing
Upper Window Input Current Threshold
Switching Enabled, Source Current Increasing
Switching Disabled, Source Current Decreasing
Ioff(low)
Ion(low)
Ioff(high)
Ion(high)
−58
−50
37
25
−47.5
−37.5
47.5
37.5
−37
−25
58
50
mA
Control Window Input Voltage
Lower (Isink = 25 mA)
Upper (Isource = 25 mA)
Vlow
Vhigh
1.1
4.2
1.35
4.6
1.6
5.0
V
2. Tested junction temperature range for the NCP105X series:
Tlow = −40°CThigh = +125°C


Similar Part No. - NCP1050P44

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1050P44 ONSEMI-NCP1050P44 Datasheet
252Kb / 26P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
February, 2006 ??Rev. 9
NCP1050P44G ONSEMI-NCP1050P44G Datasheet
252Kb / 26P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
February, 2006 ??Rev. 9
More results

Similar Description - NCP1050P44

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1050 ONSEMI-NCP1050_06 Datasheet
252Kb / 26P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
February, 2006 ??Rev. 9
NCP1050 ONSEMI-NCP1050_15 Datasheet
281Kb / 25P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
April, 2015 ??Rev. 14
logo
Data Delay Devices, Inc...
3D3701 DATADELAY-3D3701 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
3D7701 DATADELAY-3D7701 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
3D3702 DATADELAY-3D3702 Datasheet
240Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D3702)
3D7702 DATADELAY-3D7702 Datasheet
241Kb / 5P
   MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D7702)
logo
Advanced XTAL Products
AXGX90 AXTAL-AXGX90 Datasheet
103Kb / 3P
   Gated High Stability Crystal Oscillator
AXGX75 AXTAL-AXGX75 Datasheet
101Kb / 3P
   Gated High Stability Crystal Oscillator
logo
Data Delay Devices, Inc...
DLO-50 DATADELAY-DLO-50 Datasheet
111Kb / 1P
   GATED-DELAY LINE OSCILLATOR
logo
ON Semiconductor
MC33363B ONSEMI-MC33363B_15 Datasheet
211Kb / 11P
   High Voltage Switching Regulator
February, 2015 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com