Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6X4008C1F-VQ55 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K6X4008C1F-VQ55
Description  512Kx8 bit Low Power full CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6X4008C1F-VQ55 Datasheet(HTML) 1 Page - Samsung semiconductor

  K6X4008C1F-VQ55 Datasheet HTML 1Page - Samsung semiconductor K6X4008C1F-VQ55 Datasheet HTML 2Page - Samsung semiconductor K6X4008C1F-VQ55 Datasheet HTML 3Page - Samsung semiconductor K6X4008C1F-VQ55 Datasheet HTML 4Page - Samsung semiconductor K6X4008C1F-VQ55 Datasheet HTML 5Page - Samsung semiconductor K6X4008C1F-VQ55 Datasheet HTML 6Page - Samsung semiconductor K6X4008C1F-VQ55 Datasheet HTML 7Page - Samsung semiconductor K6X4008C1F-VQ55 Datasheet HTML 8Page - Samsung semiconductor K6X4008C1F-VQ55 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
K6X4008C1F Family
CMOS SRAM
Revision 1.0
September 2003
1
Document Title
512Kx8 bit Low Power full CMOS Static RAM
Revision History
The attached datasheets are provided by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right to change the specifications and
products. SAMSUNG Electronics will answer to your questions about device. If you have any questions, please contact the SAMSUNG branch offices.
Revision No.
0.0
0.1
1.0
Remark
Preliminary
Preliminary
Final
History
Initial draft
Revised
- Added Commercial Product.
Finalized
- Added Lead Free 32-SOP-525 Product
- Changed ICC from 10mA to 5mA
- Changed ICC1 from 8mA to 7mA
- Changed ICC2 from 40mA to 30mA
- Changed ISB from 3mA to 0.4mA
- Changed IDR(Commercial) from 15
µA to 12µA
- Changed IDR(industrial) from 20
µA to 12µA
- Changed IDR(Automotive) from 30
µA to 25µA
Draft Date
July 30, 2002
November 30, 2002
September 16, 2003


Similar Part No. - K6X4008C1F-VQ55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6X4008T1F-B SAMSUNG-K6X4008T1F-B Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6X4008T1F-F SAMSUNG-K6X4008T1F-F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6X4008T1F-GB55 SAMSUNG-K6X4008T1F-GB55 Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6X4008T1F-GB70 SAMSUNG-K6X4008T1F-GB70 Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
More results

Similar Description - K6X4008C1F-VQ55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B SAMSUNG-K6T4008C1B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C SAMSUNG-K6T4008C1C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6T4008V1C SAMSUNG-K6T4008V1C Datasheet
186Kb / 10P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Circuit Solu...
IC62LV5128L ICSI-IC62LV5128L Datasheet
179Kb / 11P
   512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
Samsung semiconductor
K6X4016C3F SAMSUNG-K6X4016C3F Datasheet
131Kb / 9P
   256Kx16 bit Low Power full CMOS Static RAM
K6X8016T3B SAMSUNG-K6X8016T3B Datasheet
128Kb / 9P
   512Kx16 bit Low Power Full CMOS Static RAM
K6X8016C3B SAMSUNG-K6X8016C3B Datasheet
130Kb / 9P
   512Kx16 bit Low Power Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com