Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N-P-5W-CF Datasheet(PDF) 11 Page - DDK Ltd.

Part # N-P-5W-CF
Description  N Style Coaxial Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

N-P-5W-CF Datasheet(HTML) 11 Page - DDK Ltd.

Back Button N-P-5W-CF Datasheet HTML 4Page - DDK Ltd. N-P-5W-CF Datasheet HTML 5Page - DDK Ltd. N-P-5W-CF Datasheet HTML 6Page - DDK Ltd. N-P-5W-CF Datasheet HTML 7Page - DDK Ltd. N-P-5W-CF Datasheet HTML 8Page - DDK Ltd. N-P-5W-CF Datasheet HTML 9Page - DDK Ltd. N-P-5W-CF Datasheet HTML 10Page - DDK Ltd. N-P-5W-CF Datasheet HTML 11Page - DDK Ltd. N-P-5W-CF Datasheet HTML 12Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Unit:mm
N Series
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
○Assembly Instruction(4)MIL Clamp Straigh Cable Plug
Nut
Gasket
Clamp
Contact
Body
Clamp
Sheath
Outer
Conductor
Gasket
Nut
Center Conductor
(Pre-soldering)
Insulator
Tip the outer conductor and
turn down to the clamp equally.
B
A
Soldering
Contact
No gap
※Washer
Washer
L1
L
2
C
Nut
Gasket
Clamp
Contact
Body
Clamp
Sheath
Outer
Conductor
Gasket
Nut
Center Conductor
(Pre-soldering)
Insulator
Tip the outer conductor and
turn down to the clamp equally.
B
A
Soldering
Contact
No gap
※Washer
Washer
L1
L
2
C
Insert the above assembly into the body and screw
up by wrench.
※ As for N-P-8-1-CF, N-P-8-1-Ni-CF, UG-21D/U-CF and N-P-8DFB-1-CF
washer is not attached. The washer is not inserted into the cable.
11
Parts Configulration
The cable length require for the single-ended
cable assembly as following table.
Insert the nut, washer and gasket into the cable.
  Cut the sheath from the end of the cable
and insert the clamp.
Please be careful to not damage the outer conductor.
Pick the outer conductor and turn down to the
clamp. Cut the outer conductor along the clamp.
Cut the insulator and center conductor as fig.3.
Please be careful to not damage the center
conductor.
Solder up the contact with the center conductor.
Please be careful to not deform the insulator
by heat.
When the solder is stick out, please shave
the extra solder.
No gap between contact and insulator of
the cable.
Applicable Cable
Recommended Tightening Torque
RG-8/U, RG-9/U
196 〜 392N・cm(20 〜 40kgf・cm)
8D-2V
294 〜 392N・cm(30 〜 40kgf・cm)
8D-FB
294N・cm(30kgf・cm)
10C-2V, 10D-2V
980N・cm(100kgf・cm)
10D-FB
294N・cm(30kgf・cm)
Part Number
L(mm)
L2(mm)
N-P-8-1-CF
L1ー11.4
10
N-P-8-1-Ni-CF
UG-21D/U-CF
N-P-10-CF
L1ー21.5
N-P-10-Ni-CF
N-P-10DFB-1-CF
N-P-8DFB-1-CF
L1-14.2
13
Part Number
A(mm)
B(mm)
C(mm)
N-P-8-1-CF
N-P-8-1-Ni-CF
UG-21D/U-CF
1.0
3.5 〜 4.0
5
N-P-10-CF
N-P-10-Ni-CF
N-P-10DFB-1-CF
1.8
4.0 〜 4.5
N-P-8DFB-1-CF
1.8
3.5 〜 4.0
4.5


Similar Part No. - N-P-5W-CF

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
N-P-5DFB(40) HIROSE-N-P-5DFB(40) Datasheet
1Mb / 12P
   50 ohms wide varieties standard connectors
N-P-5DFXL(41) HIROSE-N-P-5DFXL(41) Datasheet
1Mb / 12P
   50 ohms wide varieties standard connectors
N-P-5DV(40) HIROSE-N-P-5DV(40) Datasheet
1Mb / 12P
   50 ohms wide varieties standard connectors
N-P-5DW(40) HIROSE-N-P-5DW(40) Datasheet
1Mb / 12P
   50 ohms wide varieties standard connectors
More results

Similar Description - N-P-5W-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
27CP-P-1.5-CF DDK-27CP-P-1.5-CF Datasheet
786Kb / 5P
   75 廓 SMB Style Coaxial Connector
7-16 DDK-7-16 Datasheet
727Kb / 3P
   7-16 Style Rugged Coaxial Connector
716-SP-10DWFCH-CF DDK-716-SP-10DWFCH-CF Datasheet
728Kb / 3P
   7/16 Style Rugged Coaxial Connector
logo
Huber+Suhner, Inc.
46_N-50-0-1133_N HUBERSUHNER-46_N-50-0-1133_N Datasheet
521Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, T-style, 3 jacks (female)
53_N-50-0-4133_N HUBERSUHNER-53_N-50-0-4133_N Datasheet
478Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, L-style, plug / jack (male / female)
53_N-50-0-4133_U HUBERSUHNER-53_N-50-0-4133_U Datasheet
478Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, L-style, plug / jack (male / female)
53_N-75-0-4133_N HUBERSUHNER-53_N-75-0-4133_N Datasheet
483Kb / 2P
   COAXIAL ADAPTER, N, 75 Ohm, L-style, plug / jack (male / female)
52_N-50-0-4133_U HUBERSUHNER-52_N-50-0-4133_U Datasheet
517Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, L-style, plug / plug (male / male)
logo
3M Electronics
5344 3M-5344 Datasheet
34Kb / 2P
   Model 5344 & Assembly Instructions BNC (Female) Crimp Style Coaxial Connector
logo
Huber+Suhner, Inc.
43_N-50-0-1133_N HUBERSUHNER-43_N-50-0-1133_N Datasheet
490Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, T-style, 1 plug (male), 2 jacks (female)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com