Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC138PWLE Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74AHC138PWLE
Description  3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC138PWLE Datasheet(HTML) 5 Page - Texas Instruments

  SN74AHC138PWLE Datasheet HTML 1Page - Texas Instruments SN74AHC138PWLE Datasheet HTML 2Page - Texas Instruments SN74AHC138PWLE Datasheet HTML 3Page - Texas Instruments SN74AHC138PWLE Datasheet HTML 4Page - Texas Instruments SN74AHC138PWLE Datasheet HTML 5Page - Texas Instruments SN74AHC138PWLE Datasheet HTML 6Page - Texas Instruments SN74AHC138PWLE Datasheet HTML 7Page - Texas Instruments SN74AHC138PWLE Datasheet HTML 8Page - Texas Instruments SN74AHC138PWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
SN54AHC138, SN74AHC138
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SCLS258L − DECEMBER 1995 − REVISED JULY 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC138
SN74AHC138
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
ABC
Any Y
C
15 pF
5.7*
8.1*
1*
9.5*
1
9.5
ns
tPHL
A, B, C
Any Y
CL = 15 pF
5.7*
8.1*
1*
9.5*
1
9.5
ns
tPLH
G1
Any Y
C
15 pF
5.6*
8.1*
1*
9.5*
1
9.5
ns
tPHL
G1
Any Y
CL = 15 pF
5.6*
8.1*
1*
9.5*
1
9.5
ns
tPLH
G2A G2B
Any Y
C
15 pF
5.8*
8.1*
1*
9.5*
1
9.5
ns
tPHL
G2A, G2B
Any Y
CL = 15 pF
5.8*
8.1*
1*
9.5*
1
9.5
ns
tPLH
ABC
Any Y
C
50 pF
7.2
10.1
1
11.5
1
11.5
ns
tPHL
A, B, C
Any Y
CL = 50 pF
7.2
10.1
1
11.5
1
11.5
ns
tPLH
G1
Any Y
C
50 pF
7.1
10.1
1
11.5
1
11.5
ns
tPHL
G1
Any Y
CL = 50 pF
7.1
10.1
1
11.5
1
11.5
ns
tPLH
G2A G2B
Any Y
C =50pF
7.3
10.1
1
11.5
1
11.5
ns
tPHL
G2A, G2B
Any Y
CL = 50 pF
7.3
10.1
1
11.5
1
11.5
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
13
pF


Similar Part No. - SN74AHC138PWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC138PWLE TI-SN74AHC138PWLE Datasheet
683Kb / 2P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results

Similar Description - SN74AHC138PWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC11238 TI-54AC11238 Datasheet
114Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AHC138 TI-SN74AHC138 Datasheet
683Kb / 2P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LS138 TI1-SN54LS138_15 Datasheet
1Mb / 22P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI1-SN54LVC138A_15 Datasheet
1Mb / 34P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74LS138 RENESAS-HD74LS138 Datasheet
100Kb / 8P
   3-Line-to-8-Line Decoders / Demultiplexers
logo
Texas Instruments
SN54ALS138A TI-SN54ALS138A_08 Datasheet
826Kb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI-SN54LVC138A_10 Datasheet
821Kb / 25P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74HC238 TI1-SN74HC238 Datasheet
145Kb / 5P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SNJ54HCT138J TI1-SNJ54HCT138J Datasheet
1Mb / 21P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
74AC11238D TI-74AC11238D Datasheet
111Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54HCT138 TI-SN54HCT138 Datasheet
95Kb / 6P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com