Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHCT86NSR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHCT86NSR
Description  Quadruple 2-Input Exclusive-OR Gates
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT86NSR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74AHCT86NSR Datasheet HTML 5Page - Texas Instruments SN74AHCT86NSR Datasheet HTML 6Page - Texas Instruments SN74AHCT86NSR Datasheet HTML 7Page - Texas Instruments SN74AHCT86NSR Datasheet HTML 8Page - Texas Instruments SN74AHCT86NSR Datasheet HTML 9Page - Texas Instruments SN74AHCT86NSR Datasheet HTML 10Page - Texas Instruments SN74AHCT86NSR Datasheet HTML 11Page - Texas Instruments SN74AHCT86NSR Datasheet HTML 12Page - Texas Instruments SN74AHCT86NSR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
VCC
0.1 F
µ
5 V Regulated
5-V Accessory
3.3-V Bus Driver
SN54AHCT86, SN74AHCT86
www.ti.com
SCLS250N – OCTOBER 1995 – REVISED AUGUST 2014
10 Application and Implementation
10.1 Application Information
The SNx4AHCT86 is a low-drive CMOS device that can be used for a multitude of bus interface type applications
where output ringing is a concern. The low drive and slow edge rates will minimize overshoot and undershoot on
the outputs. The input switching levels have been lowered to accommodate TTL inputs of 0.8-V VIL and 2-V VIH.
This feature makes the device ideal for translating up from 3.3 V to 5 V. Figure 5 shows this type of translation.
10.2 Typical Application
Figure 4. Typical Application Schematic
10.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Care should be taken to avoid bus
contention because it can drive currents that would exceed maximum limits. The high drive will also create fast
edges into light loads; therefore, routing and load conditions should be considered to prevent ringing.
10.2.2 Detailed Design Procedure
1. Recommended input conditions
Rise time and fall time specs: See (
Δt/ΔV) in the Recommended Operating Conditions table.
Specified High and low levels: See (VIH and VIL) in the Recommended Operating Conditions table.
Inputs are overvoltage tolerant allowing them to go as high as 5.5 V at any valid VCC
2. Recommend output conditions
Load currents should not exceed 25 mA per output and 75 mA total for the part
Outputs should not be pulled above VCC
Copyright © 1995–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN54AHCT86 SN74AHCT86


Similar Part No. - SN74AHCT86NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT86NSR TI-SN74AHCT86NSR Datasheet
84Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN74AHCT86NSR TI-SN74AHCT86NSR Datasheet
1Mb / 34P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN74AHCT86NSR TI-SN74AHCT86NSR Datasheet
1Mb / 33P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN74AHCT86NSR TI-SN74AHCT86NSR Datasheet
2Mb / 35P
[Old version datasheet]   SNx4AHCT86 Quadruple 2-Input Exclusive-OR Gates
REVISED MAY 2023
SN74AHCT86NSRE4 TI-SN74AHCT86NSRE4 Datasheet
84Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results

Similar Description - SN74AHCT86NSR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LS86 RENESAS-HD74LS86 Datasheet
59Kb / 5P
   Quadruple 2-input Exclusive-OR Gates
logo
Texas Instruments
SN54ALS86 TI-SN54ALS86 Datasheet
95Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54HC86 TI-SN54HC86 Datasheet
497Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Hitachi Semiconductor
HD74LS86 HITACHI-HD74LS86 Datasheet
43Kb / 5P
   Quadruple 2-input Exclusive-OR Gates
logo
Texas Instruments
SN54ACT86 TI-SN54ACT86 Datasheet
514Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
8404601DA TI1-8404601DA Datasheet
1Mb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54LVC86A TI-SN54LVC86A Datasheet
520Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN5486 TI-SN5486 Datasheet
647Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Diodes Incorporated
74AHCT86 DIODES-74AHCT86 Datasheet
277Kb / 8P
   QUADRUPLE 2-INPUT EXCLUSIVE OR GATES
74AHC86 DIODES-74AHC86 Datasheet
292Kb / 8P
   QUADRUPLE 2-INPUT EXCLUSIVE OR GATES
logo
Unisonic Technologies
U74AHC86 UTC-U74AHC86 Datasheet
189Kb / 4P
   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com