Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHCT86N Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHCT86N
Description  Quadruple 2-Input Exclusive-OR Gates
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT86N Datasheet(HTML) 3 Page - Texas Instruments

  SN74AHCT86N Datasheet HTML 1Page - Texas Instruments SN74AHCT86N Datasheet HTML 2Page - Texas Instruments SN74AHCT86N Datasheet HTML 3Page - Texas Instruments SN74AHCT86N Datasheet HTML 4Page - Texas Instruments SN74AHCT86N Datasheet HTML 5Page - Texas Instruments SN74AHCT86N Datasheet HTML 6Page - Texas Instruments SN74AHCT86N Datasheet HTML 7Page - Texas Instruments SN74AHCT86N Datasheet HTML 8Page - Texas Instruments SN74AHCT86N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
SN54AHCT86 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
SN74AHCT86 . . . RGY PACKAGE
(TOP VIEW)
1
14
7
8
2
3
4
5
6
13
12
11
10
9
4B
4A
4Y
3B
3A
1B
1Y
2A
2B
2Y
SN54AHCT86 . . . J OR W PACKAGE
SN74AHCT86 . . . D, DB, DGV, N, NS,
OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
SN54AHCT86, SN74AHCT86
www.ti.com
SCLS250N – OCTOBER 1995 – REVISED AUGUST 2014
6 Pin Configuration and Functions
Pin Functions
PIN
SN74AHCT86
SN54AHCT86
I/O
DESCRIPTION
NAME
D, DB, DGV,
RGY
J, W
FK
N, NS, PW
1A
1
1
1
2
I
1A Input
1B
2
2
2
3
I
1B Input
1Y
3
3
3
4
O
1Y Output
2A
4
4
4
6
I
2A Input
2B
5
5
5
8
I
2B Input
2Y
6
6
6
9
O
2Y Output
3Y
8
8
8
12
O
3Y Output
3A
9
9
9
13
I
3A Input
3B
10
10
10
14
I
3B Input
4Y
11
11
11
16
O
4Y Output
4A
12
12
12
18
I
4A Input
4B
13
13
13
19
I
4B Input
GND
7
7
7
10
Ground Pin
1
5
7
NC
No Connection
11
15
17
VCC
14
14
14
20
Power Pin
Copyright © 1995–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN54AHCT86 SN74AHCT86


Similar Part No. - SN74AHCT86N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT86N TI-SN74AHCT86N Datasheet
84Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN74AHCT86N TI-SN74AHCT86N Datasheet
1Mb / 34P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN74AHCT86N TI-SN74AHCT86N Datasheet
1Mb / 33P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN74AHCT86N TI-SN74AHCT86N Datasheet
2Mb / 35P
[Old version datasheet]   SNx4AHCT86 Quadruple 2-Input Exclusive-OR Gates
REVISED MAY 2023
SN74AHCT86NE4 TI-SN74AHCT86NE4 Datasheet
1Mb / 34P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results

Similar Description - SN74AHCT86N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LS86 RENESAS-HD74LS86 Datasheet
59Kb / 5P
   Quadruple 2-input Exclusive-OR Gates
logo
Texas Instruments
SN54ALS86 TI-SN54ALS86 Datasheet
95Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54HC86 TI-SN54HC86 Datasheet
497Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Hitachi Semiconductor
HD74LS86 HITACHI-HD74LS86 Datasheet
43Kb / 5P
   Quadruple 2-input Exclusive-OR Gates
logo
Texas Instruments
SN54ACT86 TI-SN54ACT86 Datasheet
514Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
8404601DA TI1-8404601DA Datasheet
1Mb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54LVC86A TI-SN54LVC86A Datasheet
520Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN5486 TI-SN5486 Datasheet
647Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Diodes Incorporated
74AHCT86 DIODES-74AHCT86 Datasheet
277Kb / 8P
   QUADRUPLE 2-INPUT EXCLUSIVE OR GATES
74AHC86 DIODES-74AHC86 Datasheet
292Kb / 8P
   QUADRUPLE 2-INPUT EXCLUSIVE OR GATES
logo
Unisonic Technologies
U74AHC86 UTC-U74AHC86 Datasheet
189Kb / 4P
   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com