Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N-SERIES Datasheet(PDF) 6 Page - DDK Ltd.

Part # N-SERIES
Description  N Style Coaxial Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

N-SERIES Datasheet(HTML) 6 Page - DDK Ltd.

Back Button N-SERIES Datasheet HTML 2Page - DDK Ltd. N-SERIES Datasheet HTML 3Page - DDK Ltd. N-SERIES Datasheet HTML 4Page - DDK Ltd. N-SERIES Datasheet HTML 5Page - DDK Ltd. N-SERIES Datasheet HTML 6Page - DDK Ltd. N-SERIES Datasheet HTML 7Page - DDK Ltd. N-SERIES Datasheet HTML 8Page - DDK Ltd. N-SERIES Datasheet HTML 9Page - DDK Ltd. N-SERIES Datasheet HTML 10Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Unit:mm
N Series
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
○ Straight Panel Cable Jack
N-PJ-3取付参考寸法
N-PJ-5取付け
N-R取付け
□25.4
(46)
C
B
2.0
4-φ3.2
18.2±0.05
φ17.8
+0.1
0
4-φ3.2
+0.1
0
C
2.0
(47)
□25.4
D
18.2
□25.4
18.7
L
2
4-φ3.2
4-φA
18.24±0.05
18.2±0.05
φ18.0
+0.1
0
4-φ3.2
+0.1
0
4-φ3.2
+0.1
0
φ15.0
+0.1
0
N-PJ-3取付参考寸法
N-PJ-5取付け
N-R取付け
□25.4
(46)
C
B
2.0
4-φ3.2
18.2±0.05
φ17.8
+0.1
0
4-φ3.2
+0.1
0
C
2.0
(47)
□25.4
D
18.2
□25.4
18.7
L
2
4-φ3.2
4-φA
18.24±0.05
18.2±0.05
φ18.0
+0.1
0
4-φ3.2
+0.1
0
4-φ3.2
+0.1
0
φ15.0
+0.1
0
N-PJ-3取付参考寸法
N-PJ-5取付け
N-R取付け
□25.4
(46)
C
B
2.0
4-φ3.2
18.2±0.05
φ17.8
+0.1
0
4-φ3.2
+0.1
0
C
2.0
(47)
□25.4
D
18.2
□25.4
18.7
L
2
4-φ3.2
4-φA
18.24±0.05
18.2±0.05
φ18.0
+0.1
0
4-φ3.2
+0.1
0
4-φ3.2
+0.1
0
φ15.0
+0.1
0
N-PJ-3取付参考寸法
N-PJ-5取付け
N-R取付け
□25.4
(46)
C
B
2.0
4-φ3.2
18.2±0.05
φ17.8
+0.1
0
4-φ3.2
+0.1
0
C
2.0
(47)
□25.4
D
18.2
□25.4
18.7
L
2
4-φ3.2
4-φA
18.24±0.05
18.2±0.05
φ18.0
+0.1
0
4-φ3.2
+0.1
0
4-φ3.2
+0.1
0
φ15.0
+0.1
0
6
Part Number
Applicable
Cable
φA
B
C
Finish
Assembly
Instruction
Outer
Conductor
Center
Conductor
N-PJ-3-CF
3C-2V
6.2
16.7 18.2
Ag
Ag
3
3D-2V
N-PJ-3-Ni-CF
3C-2V
6.2
16.7 18.2
Ni
Ag
3
3D-2V
N-PJ-55U-CF
RG-55/U 5.4
16.6 18.2
Ag
Ag
3
N-PJ-55U-Ni-CF
RG-55/U 5.4
16.6 18.2
Ni
Ag
3
N-PJ-58U-CF
RG-58/U 5.4
16.6 18.2
Ag
Ag
3
N-PJ-58U-Ni-CF
RG-58/U 5.4
16.6 18.2
Ni
Ag
3
Part Number
Applicable
Cable
φA
B
C
D
Finish
Assembly
Instruction
Outer
Conductor
Center
Conductor
N-PJ-5-CF
5C-2V
8.6
17.5 16.7 18.24
Ag
Ag
3
5D-2V
N-PJ-5-Ni-CF
5D-2V
8.6
17.5 16.7 18.24
Ni
Ag
3
Panel Mounting Dimensions
Panel Mounting Dimensions


Similar Part No. - N-SERIES

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
N-SA-JJ-HG DDK-N-SA-JJ-HG Datasheet
1Mb / 3P
   High-frequency N type Adapter
N-SA-JJ-HG-D1 DDK-N-SA-JJ-HG-D1 Datasheet
1Mb / 3P
   High-frequency N type Adapter
N-SA-JJ-HG-D2 DDK-N-SA-JJ-HG-D2 Datasheet
1Mb / 3P
   High-frequency N type Adapter
N-SA-JJ-HG-D3 DDK-N-SA-JJ-HG-D3 Datasheet
1Mb / 3P
   High-frequency N type Adapter
N-SA-JP-HG DDK-N-SA-JP-HG Datasheet
1Mb / 3P
   High-frequency N type Adapter
More results

Similar Description - N-SERIES

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
27CP-P-1.5-CF DDK-27CP-P-1.5-CF Datasheet
786Kb / 5P
   75 廓 SMB Style Coaxial Connector
7-16 DDK-7-16 Datasheet
727Kb / 3P
   7-16 Style Rugged Coaxial Connector
716-SP-10DWFCH-CF DDK-716-SP-10DWFCH-CF Datasheet
728Kb / 3P
   7/16 Style Rugged Coaxial Connector
logo
Huber+Suhner, Inc.
46_N-50-0-1133_N HUBERSUHNER-46_N-50-0-1133_N Datasheet
521Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, T-style, 3 jacks (female)
53_N-50-0-4133_N HUBERSUHNER-53_N-50-0-4133_N Datasheet
478Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, L-style, plug / jack (male / female)
53_N-50-0-4133_U HUBERSUHNER-53_N-50-0-4133_U Datasheet
478Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, L-style, plug / jack (male / female)
53_N-75-0-4133_N HUBERSUHNER-53_N-75-0-4133_N Datasheet
483Kb / 2P
   COAXIAL ADAPTER, N, 75 Ohm, L-style, plug / jack (male / female)
52_N-50-0-4133_U HUBERSUHNER-52_N-50-0-4133_U Datasheet
517Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, L-style, plug / plug (male / male)
logo
3M Electronics
5344 3M-5344 Datasheet
34Kb / 2P
   Model 5344 & Assembly Instructions BNC (Female) Crimp Style Coaxial Connector
logo
Huber+Suhner, Inc.
43_N-50-0-1133_N HUBERSUHNER-43_N-50-0-1133_N Datasheet
490Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, T-style, 1 plug (male), 2 jacks (female)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com