Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F5608U0C-P Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K9F5608U0C-P
Description  32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F5608U0C-P Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K9F5608U0C-P Datasheet HTML 5Page - Samsung semiconductor K9F5608U0C-P Datasheet HTML 6Page - Samsung semiconductor K9F5608U0C-P Datasheet HTML 7Page - Samsung semiconductor K9F5608U0C-P Datasheet HTML 8Page - Samsung semiconductor K9F5608U0C-P Datasheet HTML 9Page - Samsung semiconductor K9F5608U0C-P Datasheet HTML 10Page - Samsung semiconductor K9F5608U0C-P Datasheet HTML 11Page - Samsung semiconductor K9F5608U0C-P Datasheet HTML 12Page - Samsung semiconductor K9F5608U0C-P Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
FLASH MEMORY
9
K9F5608D0C
K9F5608Q0C
K9F5608U0C
K9F5616D0C
K9F5616Q0C
K9F5616U0C
256Word
8 Word
Figure 2-2. K9F5616X0C (X16) ARRAY ORGANIZATION
NOTE : Column Address : Starting Address of the Register.
* L must be set to "Low".
* The device ignores any additional input of address cycles than reguired.
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O8 to 15
1st Cycle
A0
A1
A2
A3
A4
A5
A6
A7
L*
2nd Cycle
A9
A10
A11
A12
A13
A14
A15
A16
L*
3rd Cycle
A17
A18
A19
A20
A21
A22
A23
A24
L*
Page Register
(=256 Words)
64K Pages
(=2,048 Blocks)
256 Word
16 bit
8 Word
1 Block =32 Pages
= (8K + 256) Word
I/O 0 ~ I/O 15
1 Page = 264 Word
1 Block = 264 Word x 32 Pages
= (8K + 256) Word
1 Device = 264Words x 32Pages x 2048 Blocks
= 264 Mbits
Column Address
Row Address
(Page Address)
Page Register
Figure 1-2. K9F5616X0C (X16) FUNCTIONAL BLOCK DIAGRAM
VCC
X-Buffers
256M + 8M Bit
Command
NAND Flash
ARRAY
(256 + 8)Word x 65536
Y-Gating
Page Register & S/A
I/O Buffers & Latches
Latches
& Decoders
Y-Buffers
Latches
& Decoders
Register
Control Logic
& High Voltage
Generator
Global Buffers
Output
Driver
VSS
A9 - A24
A0 - A7
Command
CE
RE
WE
WP
I/0 0
I/0 15
VCC/VCCQ
VSS
CLE ALE


Similar Part No. - K9F5608U0C-P

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F5608U0C-P SAMSUNG-K9F5608U0C-P Datasheet
655Kb / 39P
   512Mb/256Mb 1.8V NAND Flash Errata
K9F5608U0C-P SAMSUNG-K9F5608U0C-P Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F5608U0C-PCB0 SAMSUNG-K9F5608U0C-PCB0 Datasheet
655Kb / 39P
   512Mb/256Mb 1.8V NAND Flash Errata
K9F5608U0C-PIB0 SAMSUNG-K9F5608U0C-PIB0 Datasheet
655Kb / 39P
   512Mb/256Mb 1.8V NAND Flash Errata
More results

Similar Description - K9F5608U0C-P

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F5608U0B SAMSUNG-K9F5608U0B Datasheet
604Kb / 34P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608UOC SAMSUNG-K9F5608UOC Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F1216U0A SAMSUNG-K9F1216U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9K1208Q0C SAMSUNG-K9K1208Q0C Datasheet
953Kb / 39P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F5608X0D SAMSUNG-K9F5608X0D Datasheet
860Kb / 35P
   32M x 8 Bit NAND Flash Memory
K9F5608U0M- SAMSUNG-K9F5608U0M- Datasheet
353Kb / 26P
   32M x 8 Bit NAND Flash Memory
K9F2808U0M- SAMSUNG-K9F2808U0M- Datasheet
347Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808U0C SAMSUNG-K9F2808U0C Datasheet
774Kb / 31P
   16M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com