Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MJW18020 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MJW18020
Description  NPN Silicon Power Transistors High Voltage Planar
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MJW18020 Datasheet(HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MJW18020
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. DC Current Gain, VCE = 2.0 V
0.01
0.1
1.0
10
1.0
10
100
100
0.0
0.1
1.0
10.0
100.0
0.001
0.01
0.1
1.0
10
100
0.1
1.0
10.0
0.001
0.01
0.1
1.0
10
100
0.01
0.1
1.0
10
1.0
10
100
100
Figure 2. DC Current Gain, VCE = 5.0 V
0.1
1.0
10.0
0.001
0.01
0.1
1.0
10
100
0.0
0.1
1.0
10.0
100.0
0.001
0.01
0.1
1.0
10
100
Figure 3. Typical Collector–Emitter Saturation
Voltage, IC/IB = 5.0
Figure 4. Typical Collector–Emitter Saturation
Voltage, IC/IB = 10
Figure 5. Typical Base–Emitter Saturation
Voltage, IC/IB = 5.0
Figure 6. Typical Base–Emitter Saturation
Voltage, IC/IB = 10
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
TJ = 25°C
TJ = –20°C
TJ = 125°C
TJ = 25°C
TJ = –20°C
TJ = 125°C
TJ = 25°C
TJ = –20°C
TJ = 125°C
TJ = 25°C
TJ = –20°C
TJ = 125°C
Ic/Ib = 10
Ic/Ib = 5.0
VCE = 2.0 V
VCE = 5.0 V
TJ = 25°C
Ic/Ib = 10
Ic/Ib = 5.0
TJ = –20°C
TJ = 125°C
TJ = 25°C
TJ = –20°C
TJ = 125°C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn