Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MJW18020 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MJW18020
Description  NPN Silicon Power Transistors High Voltage Planar
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MJW18020 Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2002
January, 2002 – Rev. 0
1
Publication Order Number:
MJW180203/D
MJW18020
Preferred Devices
NPN Silicon Power
Transistors High Voltage
Planar
The MJW18020 planar High Voltage Power Transistor is
specifically Designed for motor control applications,
high power
supplies and UPS’s for which the high reproducibility of DC and
Switching parameters minimizes the dead time in bridge
configurations.
Mains features include:
High and Excellent Gain Linearity
Fast and Very Tight Switching Times Parameters t
si and tfi
Very Stable Leakage Current due to the Planar Structure
High Reliability
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Sustaining Voltage
VCEO
450
Vdc
Collector–Base Breakdown Voltage
VCES
1000
Vdc
Collector–Base Voltage
VCBO
1000
Vdc
Emitter–Base Voltage
VEBO
9.0
Vdc
Collector Current – Continuous
– Peak (Note 1.)
IC
30
45
Adc
Base Current – Continuous
– Peak (Note 1.)
IB
6.0
10
Adc
Total Power Dissipation @ TC = 25_C
Derate Above 25
_C
PD
250
2.0
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
–65 to
+150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction–to–Case
RθJC
0.5
_C/W
Thermal Resistance,
Junction–to–Ambient
RθJA
50
_C/W
Maximum Lead Temperature for Soldering
Purposes: 1/8” from Case for 5 Seconds
TL
275
_C
1. Pulse Test: Pulse Width = 5
ms, Duty Cycle ≤ 10%.
Device
Package
Shipping
ORDERING INFORMATION
MJW18020
TO–247
http://onsemi.com
TO–247
CASE 340K
STYLE 3
30 Units/Rail
2
1
30 AMPERES
1000 VOLTS BVCES
450 VOLTS BVCEO
250 WATTS
3
MARKING DIAGRAM
MJW
18020
LLYWW
MJW18020= Device Code
LL
= Location Code
Y
= Year
WW
= Work Week
Preferred devices are recommended choices for future use
and best overall value.
1 BASE
2 COLLECTOR
3 EMITTER


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn