Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMT6016LFDF-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMT6016LFDF-13
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT6016LFDF-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMT6016LFDF-13 Datasheet HTML 1Page - Diodes Incorporated DMT6016LFDF-13 Datasheet HTML 2Page - Diodes Incorporated DMT6016LFDF-13 Datasheet HTML 3Page - Diodes Incorporated DMT6016LFDF-13 Datasheet HTML 4Page - Diodes Incorporated DMT6016LFDF-13 Datasheet HTML 5Page - Diodes Incorporated DMT6016LFDF-13 Datasheet HTML 6Page - Diodes Incorporated DMT6016LFDF-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMT6016LFDF
Datasheet number: DS37203 Rev. 5 - 2
2 of 7
www.diodes.com
March 2016
© Diodes Incorporated
DMT6016LFDF
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
8.9
7.1
A
t<10s
TA = +25°C
TA = +70°C
ID
11.1
8.9
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
60
A
Maximum Body Diode Continuous Current
IS
2.2
A
Avalanche Current (Note 7) L = 0.1mH
IAS
15.3
A
Avalanche Energy (Note 7) L = 0.1mH
EAS
11.7
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
TA = +25°C
PD
0.82
W
TA = +70°C
0.52
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
153
°C/W
t<10s
97
Total Power Dissipation (Note 6)
TA = +25°C
PD
1.9
W
TA = +70°C
1.2
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
66
°C/W
t<10s
42
Thermal Resistance, Junction to Case (Note 6)
RθJC
14.7
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
60
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS


1
µA
VDS = 48V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = 20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
1.0
3.0
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
2
16
m
VGS = 10V, ID = 10A
17.2
27
VGS = 4.5V, ID = 6A
Diode Forward Voltage
VSD
0.7
1.2
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
864
pF
VDS = 30V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
282
Reverse Transfer Capacitance
Crss
27.1
Gate Resistance
Rg

1.35

VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 10V)
Qg
17
nC
VDS = 30V, ID = 10A
Total Gate Charge (VGS = 4.5V)
Qg

8.4

Gate-Source Charge
Qgs
3.1
Gate-Drain Charge
Qgd
4.3
Turn-On Delay Time
tD(ON)
3.4
nS
VGS = 10V, VDD = 30V, Rg = 6Ω,
ID = 10A
Turn-On Rise Time
tR
5.2
Turn-Off Delay Time
tD(OFF)
12.9
Turn-Off Fall Time
tF

6.8

Body Diode Reverse Recovery Time
tRR

22

nS
IS = 10A, dI/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR

11.1

nC
IS = 10A, dI/dt = 100A/μs
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. IAS and EAS rating are based on low frequency and duty cycles to keep TJ = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMT6016LFDF-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT6016LFDF-13 DIODES-DMT6016LFDF-13 Datasheet
347Kb / 6P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMT6016LFDF-13

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT69M8LSS DIODES-DMT69M8LSS_17 Datasheet
387Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com