Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMT6016LFDF-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMT6016LFDF-7
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT6016LFDF-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMT6016LFDF-7 Datasheet HTML 1Page - Diodes Incorporated DMT6016LFDF-7 Datasheet HTML 2Page - Diodes Incorporated DMT6016LFDF-7 Datasheet HTML 3Page - Diodes Incorporated DMT6016LFDF-7 Datasheet HTML 4Page - Diodes Incorporated DMT6016LFDF-7 Datasheet HTML 5Page - Diodes Incorporated DMT6016LFDF-7 Datasheet HTML 6Page - Diodes Incorporated DMT6016LFDF-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMT6016LFDF
Datasheet number: DS37203 Rev. 5 - 2
3 of 7
www.diodes.com
March 2016
© Diodes Incorporated
DMT6016LFDF
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristics
DS
0.0
3.0
6.0
9.0
12.0
15.0
18.0
21.0
24.0
27.0
30.0
0
1
2
3
4
5
V
= 3.0V
GS
V
= 3.5V
GS
V
= 4.0V
GS
V
= 4.5V
GS
V
= 10V
GS
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
0
3
6
9
12
15
18
21
24
27
30
1.5
2
2.5
3
3.5
4
4.5
5
V
= 5.0V
DS
T = 150癈
A
T = 125癈
A
T = 85癈
A
T = 25癈
A
T = -55癈
A
I , DRAIN-SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
0
0.005
0.01
0.015
0.02
0.025
0.03
0
3
6
9
12
15
18
21
24
27
30
V
= 4.5V
GS
V
= 10V
GS
I , DRAIN CURRENT (A)
D
Figure 4 Typical On-Resistance vs.
Drain Current and Temperature
0.005
0.01
0.015
0.02
0.025
0
2
4
6
8
10
12
14
16
18
20
T = -55癈
A
T = 25癈
A
T = 85癈
A
T = 125癈
A
T = 150癈
A
V
= 10V
GS
T , JUNCTION TEMPERATURE ( C)
Figure 5 On-Resistance Variation with Temperature
J
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
V
= 4.5V
I = 6A
GS
D
V
=
V
I = 10A
GS
D
10
T , JUNCTION TEMPERATURE ( C)
Figure 6 On-Resistance Variation with Temperature
J
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
-50
-25
0
25
50
75
100
125
150
V
= 4.5V
I = 6A
GS
D
V
=
V
I = 10A
GS
D
10
°C
°C
°C
°C
°C
°C
°C
°C
°C
°C


Similar Part No. - DMT6016LFDF-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT6016LFDF-7 DIODES-DMT6016LFDF-7 Datasheet
347Kb / 6P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMT6016LFDF-7

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT69M8LSS DIODES-DMT69M8LSS_17 Datasheet
387Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com