Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMT6015LFV-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMT6015LFV-7
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT6015LFV-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMT6015LFV-7 Datasheet HTML 1Page - Diodes Incorporated DMT6015LFV-7 Datasheet HTML 2Page - Diodes Incorporated DMT6015LFV-7 Datasheet HTML 3Page - Diodes Incorporated DMT6015LFV-7 Datasheet HTML 4Page - Diodes Incorporated DMT6015LFV-7 Datasheet HTML 5Page - Diodes Incorporated DMT6015LFV-7 Datasheet HTML 6Page - Diodes Incorporated DMT6015LFV-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMT6015LFV
Document number: DS38454 Rev. 2 - 2
4 of 7
www.diodes.com
June 2016
© Diodes Incorporated
DMT6015LFV
0.005
0.01
0.015
0.02
0.025
0.03
-50
-25
0
25
50
75
100
125
150
V
= 4.5V
GS
I = 6A
D
V
= 10V
GS
I = 10A
D
T , JUNCTION TEMPERATURE ( C)
J
Figure 7 On-Resistance Variation with Temperature
0.8
1
1.2
1.4
1.6
1.8
2
2.2
-50
-25
0
25
50
75
100
125
150
I = 1mA
D
I
= 250µA
D
T , JUNCTION TEMPERATURE ( C)
J
Figure 8 Gate Threshold Variation vs. Ambient Temperature
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
1.5
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
1
10
100
1000
10000
0
5
10
15
20
25
30
35
40
Ciss
C oss
Crss
f=1MHz
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10 Typical Junction Capacitance
0
2
4
6
8
10
0
4
8
12
16
20
V
= 30V
DS
I = 10A
D
Q , TOTAL GATE CHARGE (nC)
g
Figure 11 Gate Charge
0.01
0.1
1
10
100
0.1
1
10
100
RDS(on)
Limited
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
T
= 150°C
J (m ax )
T = 25°C
C
V
= 10V
GS
Single Pulse
DUT on 1 * MRP Board
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 12 SOA, Safe Operation Area


Similar Part No. - DMT6015LFV-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT6015LFV-7 DIODES-DMT6015LFV-7 Datasheet
547Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMT6015LFV-7

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT69M8LSS DIODES-DMT69M8LSS_17 Datasheet
387Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com