Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMT6009LCT Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMT6009LCT
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT6009LCT Datasheet(HTML) 6 Page - Diodes Incorporated

  DMT6009LCT Datasheet HTML 1Page - Diodes Incorporated DMT6009LCT Datasheet HTML 2Page - Diodes Incorporated DMT6009LCT Datasheet HTML 3Page - Diodes Incorporated DMT6009LCT Datasheet HTML 4Page - Diodes Incorporated DMT6009LCT Datasheet HTML 5Page - Diodes Incorporated DMT6009LCT Datasheet HTML 6Page - Diodes Incorporated DMT6009LCT Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMT6009LCT
Document number: DS38044 Rev. 1 - 2
6 of 7
www.diodes.com
May 2016
© Diodes Incorporated
DMT6009LCT
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
TO220AB
TO220AB
Dim
Min
Max
Typ
A
3.56
4.82
A1
0.51
1.39
A2
2.04
2.92
b
0.39
1.01
0.81
b2
1.15
1.77
1.24
c
0.356 0.61
D
14.22 16.51
D1
8.39
9.01
D2 11.45 12.87
e
2.54
e1
5.08
E
9.66 10.66
E1
6.86
8.89
H1
5.85
6.85
L
12.70 14.73
L1
6.35
L2
15.80 16.20 16.00
P
3.54
4.08
Q
2.54
3.42
All Dimensions in mm
E
Q
D1
D
ØP
L1
L
e
b
A1
A
H1
c
A2
b2
H1
D2
E1
e1
E/2
L2


Similar Part No. - DMT6009LCT

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DMT6009LCT ISC-DMT6009LCT Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - DMT6009LCT

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT69M8LSS DIODES-DMT69M8LSS_17 Datasheet
387Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com