Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMT4004LPS-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMT4004LPS-13
Description  40V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT4004LPS-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMT4004LPS-13 Datasheet HTML 1Page - Diodes Incorporated DMT4004LPS-13 Datasheet HTML 2Page - Diodes Incorporated DMT4004LPS-13 Datasheet HTML 3Page - Diodes Incorporated DMT4004LPS-13 Datasheet HTML 4Page - Diodes Incorporated DMT4004LPS-13 Datasheet HTML 5Page - Diodes Incorporated DMT4004LPS-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMT4004LPS
Document number: DS37587 Rev.3 - 2
1 of 6
www.diodes.com
May 2016
© Diodes Incorporated
DMT4004LPS
40V N-CHANNEL ENHANCEMENT MODE MOSFET
POWERDI
Product Summary
BVDSS
RDS(ON) Max
ID
TC = +25°C
40V
2.5
mΩ @ VGS = 10V
90A
4
mΩ @ VGS = 4.5V
90A
Description and Applications
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)), yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Engine Management Systems
Body Control Electronics
DC-DC Converters
Features
100% Unclamped Inductive Switching
– ensures more reliable
and robust end application
Low RDS(ON) – minimizes power losses
Low Qg
– minimizes switching losses
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: PowerDI5060-8
Case Material:
Molded Plastic, ―Green‖ Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Finish - Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.097 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMT4004LPS-13
PowerDI5060-8
2,500 / Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green‖ products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Bottom View
Top View
Pin Configuration
Top View
Internal Schematic
PowerDI5060-8
Pin1
Green
S
D
D
G
D
D
S
S
S
D
S
S
G
D
D
D
T4004LS
YY WW
= Manufacturer’s Marking
T4004LS = Product Type Marking Code
YYWW = Date Code Marking
YY = Year (ex: 16 = 2016)
WW = Week (01 to 53)


Similar Part No. - DMT4004LPS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT4002LPS DIODES-DMT4002LPS Datasheet
405Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT4002LPS-13 DIODES-DMT4002LPS-13 Datasheet
405Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Inchange Semiconductor ...
DMT4003SCT ISC-DMT4003SCT Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Diodes Incorporated
DMT4005SCT DIODES-DMT4005SCT Datasheet
269Kb / 6P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Inchange Semiconductor ...
DMT4005SCT ISC-DMT4005SCT Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - DMT4004LPS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4036LK3 DIODES-DMN4036LK3_10 Datasheet
651Kb / 8P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
DS32122 Rev. 2 - 2
ZXMN4A06K DIODES-ZXMN4A06K Datasheet
570Kb / 8P
   40V N-channel enhancement mode MOSFET
ZXMN4A06G DIODES-ZXMN4A06G Datasheet
174Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN4036LK3 DIODES-DMN4036LK3 Datasheet
672Kb / 8P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT4002LPS DIODES-DMT4002LPS Datasheet
405Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN4A06GQ DIODES-ZXMN4A06GQ Datasheet
382Kb / 6P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN4A06G DIODES-ZXMN4A06G_15 Datasheet
676Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW25N04S YFWDIODE-YFW25N04S Datasheet
1Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD-L YFWDIODE-YFW80N04AD-L Datasheet
1Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD YFWDIODE-YFW80N04AD Datasheet
1Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW85N04NF YFWDIODE-YFW85N04NF Datasheet
2Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com