Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMT3006LFG-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMT3006LFG-13
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT3006LFG-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMT3006LFG-13 Datasheet HTML 1Page - Diodes Incorporated DMT3006LFG-13 Datasheet HTML 2Page - Diodes Incorporated DMT3006LFG-13 Datasheet HTML 3Page - Diodes Incorporated DMT3006LFG-13 Datasheet HTML 4Page - Diodes Incorporated DMT3006LFG-13 Datasheet HTML 5Page - Diodes Incorporated DMT3006LFG-13 Datasheet HTML 6Page - Diodes Incorporated DMT3006LFG-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMT3006LFG
Document number: DS38252 Rev. 2 - 2
1 of 7
www.diodes.com
May 2016
© Diodes Incorporated
DMT3006LFG
N-CHANNEL ENHANCEMENT MODE MOSFET
PowerDI
Product Summary
V(BR)DSS
RDS(ON) Max
ID Max
TC = +25°C
30V
6m
Ω @ VGS = 10V
55.6A
10m
Ω @ VGS = 4.5V
Description and Applications
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)), yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Backlighting
Power Management Functions
DC-DC Converters
Features and Benefits
Low RDS(ON) – Ensures On-State Losses are Minimized
Excellent QGD × RDS(ON) Product (FOM)
Advanced Technology for DC-DC Converts
Small Form Factor Thermally Efficient Package Enables Higher
Density End Products
Occupies just 33% of the Board Area Occupied by SO-8 Enabling
Smaller End Product
100% UIS (Avalanche) Rated
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: PowerDI
®
3333-8
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections Indicator: See Diagram
Terminal Finish
– Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.072 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMT3006LFG-7
PowerDI3333-8
2,000/Tape & Reel
DMT3006LFG-13
PowerDI3333-8
3,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top View
Internal Schematic
SK1 = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 16 = 2016)
WW = Week Code (01 ~ 53)
S
S
S
G
D
D
D
D
Pin 1
Bottom View
Top View
PowerDI3333-8
SK1
D
S
G
1
2
3
4
8
7
6
5
Equivalent Circuit
Green
PowerDI is registered trademark of Diodes Incorporated.


Similar Part No. - DMT3006LFG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT3006LFDF DIODES-DMT3006LFDF Datasheet
577Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMT3006LFDF-13 DIODES-DMT3006LFDF-13 Datasheet
577Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMT3006LFDF-7 DIODES-DMT3006LFDF-7 Datasheet
577Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMT3006LFG-13

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com