Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54AC240 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN54AC240
Description  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54AC240 Datasheet(HTML) 4 Page - Texas Instruments

  SN54AC240 Datasheet HTML 1Page - Texas Instruments SN54AC240 Datasheet HTML 2Page - Texas Instruments SN54AC240 Datasheet HTML 3Page - Texas Instruments SN54AC240 Datasheet HTML 4Page - Texas Instruments SN54AC240 Datasheet HTML 5Page - Texas Instruments SN54AC240 Datasheet HTML 6Page - Texas Instruments SN54AC240 Datasheet HTML 7Page - Texas Instruments SN54AC240 Datasheet HTML 8Page - Texas Instruments SN54AC240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
SN54AC240, SN74AC240
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCAS512E − JUNE 1995 − REVISED OCTOBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
V
TA = 25°C
SN54AC240
SN74AC240
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
3 V
2.9
2.9
2.9
IOH = −50 μA
4.5 V
4.4
4.4
4.4
IOH
50
μA
5.5 V
5.4
5.4
5.4
V
IOH = −12 mA
3 V
2.56
2.4
2.46
V
VOH
I
24
A
4.5 V
3.86
3.7
3.76
V
IOH = −24 mA
5.5 V
4.86
4.7
4.76
IOH = −50 mA
5.5 V
3.85
IOH = −75 mA
5.5 V
3.85
3 V
0.1
0.1
0.1
IOL = 50 μA
4.5 V
0.1
0.1
0.1
IOL
50
μA
5.5 V
0.1
0.1
0.1
V
IOL = 12 mA
3 V
0.36
0.5
0.44
V
VOL
I
24 mA
4.5 V
0.36
0.5
0.44
V
IOL = 24 mA
5.5 V
0.36
0.5
0.44
IOL = 50 mA
5.5 V
1.65
IOL = 75 mA
5.5 V
1.65
I
Data inputs
VI = VCC or GND
55V
±0.1
±1
±1
A
II
Control inputs
VI = VCC or GND
5.5 V
±0.1
±1
±1
μA
IOZ‡
VO = VCC or GND,
VI(OE) = VIL or VIH
5.5 V
±0.25
±5
±2.5
μA
ICC
VI = VCC or GND,
IO = 0
5.5 V
4
80
40
μA
Ci
VI = VCC or GND
5 V
2.5
pF
Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
For I/O ports, the parameter IOZ includes the input leakage current.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
SN54AC240
SN74AC240
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
1.5
6
8
1
11
1
9
ns
tPHL
A
Y
1.5
5.5
8
1
10.5
1
8.5
ns
tPZH
OE
Y
1.5
6
10.5
1
11.5
1
11
ns
tPZL
OE
Y
1.5
7
10
1
13
1
11
ns
tPHZ
OE
Y
1.5
7
10
1
12.5
1
10.5
ns
tPLZ
OE
Y
1.5
7.5
10.5
1
13.5
1
11.5
ns


Similar Part No. - SN54AC240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AC240 TI-SN54AC240 Datasheet
96Kb / 6P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC240 TI-SN54AC240 Datasheet
710Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC240FK TI-SN54AC240FK Datasheet
96Kb / 6P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC240J TI-SN54AC240J Datasheet
96Kb / 6P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC240W TI-SN54AC240W Datasheet
96Kb / 6P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54AC240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com