Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS2015KUA Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS2015KUA
Description  CMOS High Sensitivity Micropower Hall Latch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS2015KUA Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS2015KUA Datasheet HTML 1Page - SEC Electronics Inc. SS2015KUA Datasheet HTML 2Page - SEC Electronics Inc. SS2015KUA Datasheet HTML 3Page - SEC Electronics Inc. SS2015KUA Datasheet HTML 4Page - SEC Electronics Inc. SS2015KUA Datasheet HTML 5Page - SEC Electronics Inc. SS2015KUA Datasheet HTML 6Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SS2015
CMOS High Sensitivity Micropower Hall Latch
1
V3.10
Nov 1, 2013
Packages
Features and Benefits
3 pin SIP (suffix UA)
1.
Operation down to 4.5V
2.
Wide operating voltage range
3.
High sensitivity for direct reed switch re-
placement applications
4.
Output switches with absolute
value of North or South pole from magnet
5.
Temperature compensation
6.
Open-Collector pre-driver
7.
60V maximum withstand voltage
8.
Reverse polarity protection
9.
Package: TO-92S(SIP)
Functional Block Diagram
Application Examples
1.
Brush-less DC Motor
2.
Brush-less DC Fan
3.
Revolution counting
4.
Speed measurement
General Description:
The SS2015 Hall effect latch sensor IC is fabricated from mixed signal CMOS technology. It incorporates ad-
vanced chopper-stabilization techniques to provide accurate and stable magnetic switch points.
The circuit design provides an internally controlled clocking mechanism to cycle power to the Hall element and
analog signal processing circuits. This serves to place the high current-consuming portions of the circuit into a
“Sleep” mode. Periodically the device is “Awakened” by this internal logic and the magnetic flux from the Hall
element is evaluated against the predefined thresholds. If the flux density is above or below the BOP/BRP thresh-
olds then the output transistor is driven to change states accordingly. While in the “Sleep” cycle the output tran-
sistor is latched in its previous state. The design has been optimized for service in applications requiring extended
operating lifetime in battery powered systems. An internal bandgap regulator is used to provide temperature com-
pensated supply voltage for internal circuits and allows a wide operating supply range.
The output transistor of the SS2015 will be latched on (BOP) in the presence of a sufficiently strong South or
North magnetic field facing the marked side of the package. The output will be latched off (BRP) in the absence
of a magnetic field.
3 pin SOT23W
(suffix SO)


Similar Part No. - SS2015KUA

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SS20150L LEIDITECH-SS20150L Datasheet
280Kb / 3P
   Schottky rectifier
More results

Similar Description - SS2015KUA

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS2412 SECELECTRONICS-SS2412 Datasheet
314Kb / 9P
   CMOS High Sensitivity Micropower Hall Latch
logo
BCD Semiconductor Manuf...
AH921 BCDSEMI-AH921_11 Datasheet
427Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH920Z3-G1 BCDSEMI-AH920Z3-G1 Datasheet
444Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Nanjing Ouzhuo Technolo...
OH920 OHHALLSENSOR-OH920 Datasheet
192Kb / 4P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Diodes Incorporated
AH921 DIODES-AH921 Datasheet
427Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH920 DIODES-AH920 Datasheet
325Kb / 13P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH920 BCDSEMI-AH920 Datasheet
97Kb / 2P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921 BCDSEMI-AH921 Datasheet
629Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Nanjing Ouzhuo Technolo...
OH921 OHHALLSENSOR-OH921 Datasheet
206Kb / 5P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
SEC Electronics Inc.
SS249 SECELECTRONICS-SS249 Datasheet
249Kb / 8P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com