Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP8464B Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8464B
Description  Disk Pulse Detector
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8464B Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DP8464B Datasheet HTML 1Page - National Semiconductor (TI) DP8464B Datasheet HTML 2Page - National Semiconductor (TI) DP8464B Datasheet HTML 3Page - National Semiconductor (TI) DP8464B Datasheet HTML 4Page - National Semiconductor (TI) DP8464B Datasheet HTML 5Page - National Semiconductor (TI) DP8464B Datasheet HTML 6Page - National Semiconductor (TI) DP8464B Datasheet HTML 7Page - National Semiconductor (TI) DP8464B Datasheet HTML 8Page - National Semiconductor (TI) DP8464B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Circuit Operation (Continued)
of a differential comparator with hysteresis and a D flip-flop
The hysteresis for this comparator is externally set via the
Set Hysteresis pin In order to have data out the input am-
plitude must first cross the hysteresis level which will
change the logic level on the D input of the flip-flop The
peak of the input signal will generate a pulse out of the
differentiator and bi-directional one shot This pulse will
clock the new data at the D input through to the output In
this way when the differentiator is responding to noise at
the baseline the output of the D flop is not changing since
the logic level into the D input has not changed The com-
parator circuitry is therefore a gating channel which pre-
vents any noise near the baseline from contaminating the
data The amount of hysteresis is twice the DC voltage on
the Set Hysteresis pin For instance if the voltage on the
Set Hysteresis pin is 03V the differential AC signal across
the Gate Channel Input must be larger than 06V before the
output of the comparator will change states In this case
the hysteresis is 30% of a 2V peak to peak differential sig-
nal at the gate channel input
Connection Diagrams
Dual-In-Line (DIP) Package
TLF5283 – 2
Top View
Order Number DP8464BN-3 or DP8464BN-2
See NS Package N24C
Plastic Chip Carrier (PCC) Package
TLF5283 – 30
Order Number DP8464BV-3 DP8464BV-2 or DP8464BV-1
See NS Package V28A
5


Similar Part No. - DP8464B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8402A NSC-DP8402A Datasheet
319Kb / 18P
   DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
DP8402AD NSC-DP8402AD Datasheet
319Kb / 18P
   DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
DP8402AV NSC-DP8402AV Datasheet
319Kb / 18P
   DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
DP8403 NSC-DP8403 Datasheet
319Kb / 18P
   DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
DP8403D NSC-DP8403D Datasheet
319Kb / 18P
   DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
More results

Similar Description - DP8464B

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
IRT1 RFSOLUTIONS-IRT1 Datasheet
167Kb / 2P
   Infrared Pulse Detector
logo
List of Unclassifed Man...
IRD1 ETC-IRD1 Datasheet
21Kb / 2P
   Infrared Pulse Detector
logo
rfsolutions.ltd
IRD1 RFSOLUTIONS-IRD1 Datasheet
684Kb / 2P
   Infrared Pulse Detector
logo
STMicroelectronics
STV5805 STMICROELECTRONICS-STV5805 Datasheet
87Kb / 5P
   PHOTO DETECTOR FOR DIGITAL VIDEO DISK
logo
Texas Instruments
SN76604N TI-SN76604N Datasheet
514Kb / 9P
[Old version datasheet]   BIDIRECTIONAL SERVO-AMP PULSE WIDTH DETECTOR
logo
Intersil Corporation
ICM7556 INTERSIL-ICM7556 Datasheet
218Kb / 11P
   Precision Timing Pulse Generation Sequential Timing Time Delay Generation Pulse Width Modulation Missing Pulse Detector
logo
Sharp Corporation
IS1622 SHARP-IS1622 Datasheet
39Kb / 2P
   OPIC Light Detector for Recorder Type MD (Mini Disk) RF Signal Detection
logo
KODENSHI_AUK CORP.
KED KODENSHI-KED Datasheet
134Kb / 1P
   ENCODER DISK
logo
NEC
M300 NEC-M300 Datasheet
399Kb / 2P
   Disk array
logo
ON Semiconductor
LA6571 ONSEMI-LA6571 Datasheet
148Kb / 7P
   5CH Driver for Mini Disk and Compact Disk
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com