Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTSA-2835ZAET Datasheet(PDF) 10 Page - Lite-On Technology Corporation

Part # LTSA-2835ZAET
Description  SMD LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTSA-2835ZAET Datasheet(HTML) 10 Page - Lite-On Technology Corporation

Back Button LTSA-2835ZAET Datasheet HTML 6Page - Lite-On Technology Corporation LTSA-2835ZAET Datasheet HTML 7Page - Lite-On Technology Corporation LTSA-2835ZAET Datasheet HTML 8Page - Lite-On Technology Corporation LTSA-2835ZAET Datasheet HTML 9Page - Lite-On Technology Corporation LTSA-2835ZAET Datasheet HTML 10Page - Lite-On Technology Corporation LTSA-2835ZAET Datasheet HTML 11Page - Lite-On Technology Corporation LTSA-2835ZAET Datasheet HTML 12Page - Lite-On Technology Corporation LTSA-2835ZAET Datasheet HTML 13Page - Lite-On Technology Corporation LTSA-2835ZAET Datasheet HTML 14Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
9/13
Part No. : LTSA-2835ZAET
BNS-OD-FC002/A4
SMD LED
LTSA-2835ZAET(PRELIMINARY)
6.1 Cleaning
Do not use unspecified chemical liquid to clean LED they could harm the package.
If clean is necessary, immerse the LED in ethyl alcohol or in isopropyl alcohol at normal temperature for less one minute.
6.2 Recommend Printed Circuit Board Attachment Pad
Note:
1.Suggest stencil thickness is maximum 0.10mm.
6.3 Package Dimensions Of Tape And Reel
Note:
1. All dimensions are in millimeters (inches).


Similar Part No. - LTSA-2835ZAET

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTSA-2835SAKT LITEON-LTSA-2835SAKT Datasheet
679Kb / 13P
   SMD LED
LTSA-2835VAKT LITEON-LTSA-2835VAKT Datasheet
670Kb / 13P
   SMD LED
More results

Similar Description - LTSA-2835ZAET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com