Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISD4004-10MP Datasheet(PDF) 5 Page - Winbond

Part # ISD4004-10MP
Description  Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD4004-10MP Datasheet(HTML) 5 Page - Winbond

  ISD4004-10MP Datasheet HTML 1Page - Winbond ISD4004-10MP Datasheet HTML 2Page - Winbond ISD4004-10MP Datasheet HTML 3Page - Winbond ISD4004-10MP Datasheet HTML 4Page - Winbond ISD4004-10MP Datasheet HTML 5Page - Winbond ISD4004-10MP Datasheet HTML 6Page - Winbond ISD4004-10MP Datasheet HTML 7Page - Winbond ISD4004-10MP Datasheet HTML 8Page - Winbond ISD4004-10MP Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ISD4004 Series
1
ISD
DETAILED DESCRIPTION
SPEECH/SOUND QUALITY
The ISD4004 ChipCorder series includes devices
offered at 4.0, 5.3, 6.4, and 8.0 KHz sampling fre-
quencies, allowing the user a choice of speech
quality options. Increasing the duration within a
product series decreases the sampling frequency
and
bandwidth,
which
affects
sound
quality.
Please refer to the ISD4004 Series Product Summary
table on the second page to compare filter pass
band and product durations.
The speech samples are stored directly into on-chip
nonvolatile memory without the digitization and
compression associated with other solutions. Di-
rect analog storage provides a natural sounding
reproduction of voice, music, tones, and sound
effects
not
available
with
most
solid-state
solu-
tions.
DURATION
To meet end system requirements, the ISD4004 se-
ries products are single-chip solutions at 8, 10, 12,
16 minutes.
FLASH STORAGE
One of the benefits of ISD’s ChipCorder technology
is the use of on-chip nonvolatile memory, which pro-
vides zero-power message storage. The message
is retained for up to 100 years (typically) without
power. In addition, the device can be re-record-
ed (typically) over 100,000 times.
MICROCONTROLLER INTERFACE
A four-wire (SCLK, MOSI, MISO, SS) SPI interface is
provided
for
ISD4004
control
and
addressing
functions. The ISD4004 is configured to operate as
a peripheral slave device, with a microcontroller-
based SPI bus interface. Read/Write access to all
the internal registers occurs through this SPI inter-
face. An interrupt signal (INT) and internal read-
only Status Register are provided for handshake
purposes.
PROGRAMMING
The ISD4004 series is also ideal for playback-only
applications, where single or multiple message
Playback is controlled through the SPI port. Once
the desired message configuration is created, du-
plicates can easily be generated via an ISD pro-
grammer.
PIN DESCRIPTIONS
VOLTAGE INPUTS (VCCA, VCCD)
To minimize noise, the analog and digital circuits
in the ISD4004 devices use separate power busses.
These +3 V busses are brought out to separate
pins and should be tied together as close to the
supply
as
possible.
In
addition,
these
supplies
should be decoupled as close to the package as
possible.
GROUND INPUTS (VSSA, VSSD)
The ISD4004 series utilizes separate analog and
digital ground busses. The analog ground (V
SSA
)
pins should be tied together as close to the pack-
age as possible and connected through a low-
impedance
path
to
power
supply
ground.
The
digital
ground
(V
SSD
)
pin
should
be
connected
through a separate low-impedance path to pow-
er supply ground. These ground paths should be
large enough to ensure that the impedance be-
tween the V
SSA
pins and the V
SSD
pin is less than
3
W. The backside of the die is connected to V
SS
through
the
substrate
resistance.
In
a
chip-on-
board design, the die attach area must be con-
nected to V
SS
or left floating.


Similar Part No. - ISD4004-10MP

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD4004-10MPY NUVOTON-ISD4004-10MPY Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
More results

Similar Description - ISD4004-10MP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
logo
Nuvoton Technology Corp...
ISD4004 NUVOTON-ISD4004 Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
logo
List of Unclassifed Man...
ISD33120 ETC1-ISD33120 Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
   Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD5008 ETC-ISD5008 Datasheet
1Mb / 47P
   SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com