Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXYX100N120B3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXYX100N120B3
Description  Preliminary Technical Information
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYX100N120B3 Datasheet(HTML) 1 Page - IXYS Corporation

  IXYX100N120B3 Datasheet HTML 1Page - IXYS Corporation IXYX100N120B3 Datasheet HTML 2Page - IXYS Corporation IXYX100N120B3 Datasheet HTML 3Page - IXYS Corporation IXYX100N120B3 Datasheet HTML 4Page - IXYS Corporation IXYX100N120B3 Datasheet HTML 5Page - IXYS Corporation IXYX100N120B3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
IXYK100N120B3
IXYX100N120B3
V
CES
= 1200V
I
C110
= 100A
V
CE(sat)
≤≤≤≤≤ 2.6V
t
fi(typ)
= 240ns
DS100519A(03/13)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250
μA, V
GE = 0V
1200
V
V
GE(th)
I
C
= 250
μA, V
CE = VGE
3.0
5.0
V
I
CES
V
CE = VCES, VGE = 0V
25
μA
T
J = 150°C
1 mA
I
GES
V
CE = 0V, VGE = ±20V
±100 nA
V
CE(sat)
I
C
= I
C110, VGE = 15V, Note 1
2.20
2.60
V
T
J = 150°C
2.76
V
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25°C to 175°C
1200
V
V
CGR
T
J
= 25°C to 175°C, R
GE = 1MΩ
1200
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25°C (Chip Capability)
225
A
I
LRMS
Terminal Current Limit
160
A
I
C110
T
C
= 110°C
100
A
I
CM
T
C
= 25°C, 1ms
530
A
I
A
T
C
= 25°C
50
A
E
AS
T
C
= 25°C
1.2
J
SSOA
V
GE = 15V, TVJ = 150°C, RG = 1Ω
I
CM = 200
A
(RBSOA)
Clamped Inductive Load
@V
CE VCES
P
C
T
C
= 25°C
1150
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
M
d
Mounting Torque (TO-264)
1.13/10
Nm/lb.in.
F
C
Mounting Force
(PLUS247)
20..120 /4.5..27
N/lb.
Weight
TO-264
10
g
PLUS247
6
g
1200V XPTTM IGBTs
GenX3TM
G = Gate
E
= Emitter
C = Collector
Tab = Collector
TO-264 (IXYK)
E
G
C
PLUS247 (IXYX)
G
Tab
Tab
E
C
G
Extreme Light Punch Through
IGBT for 5-30 kHz Switching
Features
Optimized for 5-30kHZ Switching
Square RBSOA
Positive Thermal Coefficient of
Vce(sat)
Avalanche Rated
International Standard Packages
Advantages
High Power Density
Low Gate Drive Requirement
Applications
Power Inverters
UPS
Motor Drives
SMPS
PFC Circuits
Battery Chargers
Welding Machines
Lamp Ballasts
Preliminary Technical Information


Similar Part No. - IXYX100N120B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYX100N120B3 IXYS-IXYX100N120B3 Datasheet
212Kb / 6P
   Preliminary Technical Information
More results

Similar Description - IXYX100N120B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
   Preliminary Technical Information
IXYH40N90C3D1 IXYS-IXYH40N90C3D1 Datasheet
190Kb / 7P
   Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
   Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
   Preliminary Technical Information
IXXH75N60C3 IXYS-IXXH75N60C3 Datasheet
175Kb / 6P
   Preliminary Technical Information
IXXN200N60B3H1 IXYS-IXXN200N60B3H1 Datasheet
195Kb / 7P
   Preliminary Technical Information
IXYA15N65C3D1 IXYS-IXYA15N65C3D1 Datasheet
220Kb / 6P
   Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
   Preliminary Technical Information
IXTY8N65X2 IXYS-IXTY8N65X2 Datasheet
244Kb / 5P
   Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com