Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXYT20N120C3D1HV Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXYT20N120C3D1HV
Description  1200V XPTTM IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYT20N120C3D1HV Datasheet(HTML) 6 Page - IXYS Corporation

  IXYT20N120C3D1HV Datasheet HTML 1Page - IXYS Corporation IXYT20N120C3D1HV Datasheet HTML 2Page - IXYS Corporation IXYT20N120C3D1HV Datasheet HTML 3Page - IXYS Corporation IXYT20N120C3D1HV Datasheet HTML 4Page - IXYS Corporation IXYT20N120C3D1HV Datasheet HTML 5Page - IXYS Corporation IXYT20N120C3D1HV Datasheet HTML 6Page - IXYS Corporation IXYT20N120C3D1HV Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYT20N120C3D1HV
IXYS REF: IXY_20N120C3(4L) 9-06-13-C
Fig. 19. Inductive Turn-on Switching Times vs.
Collector Current
0
40
80
120
160
200
20
22
24
26
28
30
32
34
36
38
40
IC - Amperes
19
20
21
22
23
24
t r i
td(on) - - - -
RG = 10Ω , VGE = 15V
VCE = 600V
TJ = 25ºC
TJ = 150ºC
Fig. 20. Inductive Turn-on Switching Times vs.
Junction Temperature
0
40
80
120
160
200
25
50
75
100
125
150
TJ - Degrees Centigrade
17
19
21
23
25
27
t r i
td(on) - - - -
RG = 10Ω , VGE = 15V
VCE = 600V
I C = 40A
I C = 20A
Fig. 18. Inductive Turn-on Switching Times vs.
Gate Resistance
0
40
80
120
160
200
240
280
10
15
20
25
30
35
40
45
50
55
RG - Ohms
15
20
25
30
35
40
45
50
t r i
td(on) - - - -
TJ = 150ºC, VGE = 15V
VCE = 600V
I C = 20A
I C = 40A
Fig. 21. Maximum Peak Load Current vs. Frequency
0
10
20
30
40
50
60
70
80
0.1
1
10
100
1000
fmax - KiloHertzs
TJ = 150ºC
TC = 75ºC
VCE = 600V
VGE = 15V
RG = 10Ω
D = 0.5
Square Wave
Triangular Wave
Fig. 21. Maximum Transient Thermal Impedance (Diode)
0.0001
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
Pulse Width - Second
Fig. 22


Similar Part No. - IXYT20N120C3D1HV

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYT25N250CHV IXYS-IXYT25N250CHV Datasheet
279Kb / 6P
   High Voltage XPT IGBT
More results

Similar Description - IXYT20N120C3D1HV

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYJ20N120C3D1 IXYS-IXYJ20N120C3D1 Datasheet
224Kb / 7P
   1200V XPTTM IGBT
IXYH40N120C3D1 IXYS-IXYH40N120C3D1 Datasheet
222Kb / 7P
   1200V XPTTM IGBT
IXYR100N120C3 IXYS-IXYR100N120C3 Datasheet
177Kb / 6P
   1200V XPTTM IGBT
IXYH40N120B3 IXYS-IXYH40N120B3 Datasheet
177Kb / 6P
   1200V XPTTM IGBT
IXYB82N120C3H1 IXYS-IXYB82N120C3H1 Datasheet
222Kb / 7P
   1200V XPTTM IGBT GenX3TM w/ Diode
IXYH40N120B3D1 IXYS-IXYH40N120B3D1 Datasheet
193Kb / 7P
   1200V XPTTM IGBT GenX3TM w/ Diode
IXYR50N120C3D1 IXYS-IXYR50N120C3D1 Datasheet
197Kb / 7P
   1200V XPTTM IGBT GenX3TM w/ Diode
IXYN100N120C3H1 IXYS-IXYN100N120C3H1 Datasheet
187Kb / 7P
   1200V XPTTM IGBT GenX3TM w/ Diode
IXYX120N120C3 IXYS-IXYX120N120C3 Datasheet
211Kb / 6P
   1200V XPTTM IGBTs
IXYK120N120C3 IXYS-IXYK120N120C3 Datasheet
214Kb / 6P
   1200V XPTTM IGBTs GenX3TM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com