Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6X1008T2D-F Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K6X1008T2D-F
Description  128Kx8 bit Low Power CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6X1008T2D-F Datasheet(HTML) 5 Page - Samsung semiconductor

  K6X1008T2D-F Datasheet HTML 1Page - Samsung semiconductor K6X1008T2D-F Datasheet HTML 2Page - Samsung semiconductor K6X1008T2D-F Datasheet HTML 3Page - Samsung semiconductor K6X1008T2D-F Datasheet HTML 4Page - Samsung semiconductor K6X1008T2D-F Datasheet HTML 5Page - Samsung semiconductor K6X1008T2D-F Datasheet HTML 6Page - Samsung semiconductor K6X1008T2D-F Datasheet HTML 7Page - Samsung semiconductor K6X1008T2D-F Datasheet HTML 8Page - Samsung semiconductor K6X1008T2D-F Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CMOS SRAM
K6X1008T2D Family
Revision 1.0
September 2003
5
AC CHARACTERISTICS
(VCC=2.7~3.6V, Commercial product:TA=0 to 70
°C, Industrial product:TA=-40 to 85°C, Automotive product:TA=-40 to 125°C )
1. Voltage range is 3.0V~3.6V for commercial and industrial product.
Parameter List
Symbol
Speed Bins
Units
55ns1)
70ns
85ns
Min
Max
Min
Max
Min
Max
Read
Read Cycle Time
tRC
55
-
70
-
85
-
ns
Address Access Time
tAA
-
55
-
70
-
85
ns
Chip Select to Output
tCO
-
55
-
70
-
85
ns
Output Enable to Valid Output
tOE
-
25
-
35
-
40
ns
Chip Select to Low-Z Output
tLZ
10
-
10
-
10
-
ns
Output Enable to Low-Z Output
tOLZ
5
-
5
-
5
-
ns
Chip Disable to High-Z Output
tHZ
0
25
0
25
0
25
ns
Output Disable to High-Z Output
tOHZ
0
25
0
25
0
25
ns
Output Hold from Address Change
tOH
10
-
10
-
15
-
ns
Write
Write Cycle Time
tWC
55
-
70
-
85
-
ns
Chip Select to End of Write
tCW
45
-
60
-
70
-
ns
Address Set-up Time
tAS
0
-
0
-
0
-
ns
Address Valid to End of Write
tAW
45
-
60
-
70
-
ns
Write Pulse Width
tWP
40
-
50
-
60
-
ns
Write Recovery Time
tWR
0
-
0
-
0
-
ns
Write to Output High-Z
tWHZ
0
25
0
25
0
30
ns
Data to Write Time Overlap
tDW
20
-
25
-
35
-
ns
Data Hold from Write Time
tDH
0
-
0
-
0
-
ns
End Write to Output Low-Z
tOW
5
-
5
-
5
-
ns
CL1)
1. Including scope and jig capacitance
AC OPERATING CONDITIONS
TEST CONDITIONS( Test Load and Input/Output Reference)
Input pulse level: 0.4 to 2.2V
Input rising and falling time: 5ns
Input and output reference voltage:1.5V
Output load(see right): CL=100pF+1TTL
CL=30pF+1TTL
DATA RETENTION CHARACTERISTICS
1. CS1
≥Vcc-0.2V, CS2≥VCC-0.2V, or CS2≤0.2V
Item
Symbol
Test Condition
Min
Typ
Max
Unit
Vcc for data retention
VDR
CS1
≥Vcc-0.2V1)
2.0
-
3.6
V
Data retention current
IDR
Vcc=3.0V, CS1
≥Vcc-0.2V1)
K6X1008T2D-B
-
-
6
µA
K6X1008T2D-F
-
-
6
µA
K6X1008T2D-Q
10
µA
Data retention set-up time
tSDR
See data retention waveform
0
-
-
ms
Recovery time
tRDR
5
-
-


Similar Part No. - K6X1008T2D-F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X1008C2D SAMSUNG-K6X1008C2D Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008C2D-B SAMSUNG-K6X1008C2D-B Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008C2D-BB55 SAMSUNG-K6X1008C2D-BB55 Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008C2D-BB70 SAMSUNG-K6X1008C2D-BB70 Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008C2D-BF55 SAMSUNG-K6X1008C2D-BF55 Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - K6X1008T2D-F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6T1008C2E-TF70T00 SAMSUNG-K6T1008C2E-TF70T00 Datasheet
193Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008C2D SAMSUNG-K6X1008C2D Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
KM681000E SAMSUNG-KM681000E Datasheet
123Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6F1008V2C SAMSUNG-K6F1008V2C Datasheet
126Kb / 9P
   128Kx8 bit Super Low Power and Low Voltage CMOS Static RAM
logo
List of Unclassifed Man...
EM128L08 ETC1-EM128L08 Datasheet
42Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
EM128C08 ETC1-EM128C08 Datasheet
61Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
logo
Samsung semiconductor
K6R1008V1C-TI15 SAMSUNG-K6R1008V1C-TI15 Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
logo
List of Unclassifed Man...
T68K1M ETC2-T68K1M Datasheet
146Kb / 14P
   Low Power 1M (128Kx8)-Bits Static RAM
logo
Samsung semiconductor
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com